Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8371 Datasheet (PDF) - Cherry Semiconductor Corporation

CS8371 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS8371
Download  CS8371 Download
File Size   174.56 Kbytes
Page   8 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap

CS8371 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8371 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS8371
Download  CS8371 Click to download

File Size   174.56 Kbytes
Page   8 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap

CS8371 Datasheet (HTML) - Cherry Semiconductor Corporation


CS8371 Product details

Description
The CS8371 is a 8V/5V dual output linear regulator. The 8V ±5% output sources 1A, while the 5V ±5% output sources 250mA. Each output is controlled by its own ENABLE lead. Setting the ENABLE input high turns on the associated regulator output. Holding both ENABLE inputs low puts the IC into sleep mode where current consumption is less than 10µA.

Features
■ Two Regulated Outputs 8V ±5%, 1A 5V ±5%, 250mA
■ Independent ENABLE for each Output
■ Separate Sense Feedback Lead for 8V Output
■ <10µA Sleep Mode Current
■ Fault Protection Overvoltage Shutdown +45V Peak Transient Voltage Short Circuit Thermal Shutdown
■ CMOS Compatible, Low-Current ENABLE Inputs




Similar Part No. - CS8371

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8371 ONSEMI-CS8371 Datasheet
98Kb / 11P
8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
June, 2006 ??Rev. 12
CS8371 ONSEMI-CS8371 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8371ET7 ONSEMI-CS8371ET7 Datasheet
98Kb / 11P
8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
June, 2006 ??Rev. 12
CS8371ET7G ONSEMI-CS8371ET7G Datasheet
98Kb / 11P
8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
June, 2006 ??Rev. 12
CS8371ETVA7 ONSEMI-CS8371ETVA7 Datasheet
98Kb / 11P
8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
June, 2006 ??Rev. 12
More results


Similar Description - CS8371

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
STMicroelectronics
STV8131 STMICROELECTRONICS-STV8131 Datasheet
68Kb / 5P
5V AND 8V VOLTAGE REGULATOR
Sep-2003
logo
ON Semiconductor
CS8371 ONSEMI-CS8371 Datasheet
98Kb / 11P
8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
June, 2006 ??Rev. 12
logo
KODENSHI_AUK CORP.
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Murata Manufacturing Co...
MPD7K046S MURATA-MPD7K046S Datasheet
543Kb / 5P
12V main output and 5V,1A Aux output
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
1A / 5V Output low dropout voltage regulator;
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com