Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8371 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS8371
Description  8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8371 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS8371 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Typical Performance Characteristics: continued
2.5
2.0
1.5
1.0
0.5
0
0
50
100
150
200
Output Current (mA)
250
-40°C
25
°C
85
°C
Regulator 2 Dropout Voltage
Regulator 1 Current Limit
10
9
8
7
6
5
4
3
2
0 01
2
Reg 1 Output Current (A)
1
3
VIN = 14V
TA = 25°C
10
9
8
7
6
5
4
3
2
0
0
100
200
Reg 2 Output Current (mA)
1
300
VIN = 14V
TA = 25°C
400
500
Regulator 2 Current Limit
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0-40
-20
0
2040
6080
Ambient Temperature (
°C)
Enable 1 = 5V
Enable 2 = 5V
VIN = 14V
IOUT 1 = 1A
IOUT 2 = 250mA
Quiescent Current
Quiescent Current
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0-40
-20
0
2040
6080
Ambient Temperature (
°C)
Enable 1 = 0V
Enable 2 = 0V
VIN = 14V
6.0
5.5
5.0
4.5
4.0
3.5
3.0-40
-20
0
2040
6080
Ambient Temperature (
°C)
IOUT = 5mA
IOUT = 1A
Enable 1 = 5V
Enable 2 = 0V
VIN = 14V
Regulator 1 Quiescent Current
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0-40
-20
0
2040
6080
Ambient Temperature (
°C)
IOUT = 5mA
IOUT = 250mA
Enable 1 = 0V
Enable 2 = 5V
VIN = 14V
Regulator 2 Quiescent Current
Regulator 1 Load Regulation
8.020
8.015
8.010
8.005
8.000
7.995
7.990
7.985
7.980
0
100
200
300
400
500
600
700
800
900
Output Current (mA)
1000
85
°C
25
°C
-40°C
VIN = 14V
5.02
5.01
5.00
4.99
4.98
4.97
4.96
4.95
4.94
0
50
100
150
200
Output Current (mA)
250
-40°C
25
°C
85
°C
VIN = 14V
Regulator 2 Load Regulation
01
Time (
ms)
23456789
10
11
12
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
COUT = 0mF
TA = 25°C
IOUT = 5mA
Regulator 1 Startup
Regulator 2 Startup
01
Time (
ms)
23456789
10
11
12
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
COUT = 0mF
TA = 25°C
IOUT = 5mA
2
1
0
-1
-2
16
14
12
10
0
100
200
300
400
500
Time (ns)
600
COUT = 0mF
TA = 25°C
Regulator 1 Line Transient Response



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com