Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8371 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8371
Description  8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8371 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8371 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: -40¡C ² TA ² +85¡C, 10.5V ² VCC ² 16.0V, ENABLE1 = ENABLE2 = 5.0V,
IOUT1 = IOUT2 = 5.0mA, unless otherwise stated.
s Primary Output (VOUT1)
Output Voltage
IOUT1 = 1.0A
7.60
8.00
8.40
V
Line Regulation
10.5V ² VCC ² 26V
50
mV
Load Regulation
5mA ² IOUT1 ² 1.0A
150
mV
Sleep Mode Quiescent
VCC = 14V, ENABLE1 = ENABLE2 = 0V
0
0.2
10.0
µA
Current
Quiescent Current
VCC = 14V, IOUT1 = 1.0A, IOUT2 = 250mA
30
mA
Dropout Voltage
IOUT1 = 250mA
1.2
V
Dropout Voltage
IOUT1 = 1.0A
1.5
V
Quiescent Bias Current
IOUT1 = 5mA, ENABLE2 = 0V, VCC = 14V
10
mA
IQ = ICC - IOUT1
Quiescent Bias Current
IOUT1 = 1.0A, ENABLE2 = 0V, VCC = 14V
22
mA
IQ = ICC - IOUT1
Ripple Rejection
f = 120Hz, VCC = 14V with 1.0VPP AC,
90
dB
COUT = 0µF
f = 10kHz, VCC = 14V with 1.0VPP AC,
74
dB
COUT = 0µF
f = 20kHz, VCC = 14V with 1.0VPP AC,
68
dB
COUT = 0µF
Current Limit
VCC = 16V
1.1
2.5
A
Overshoot Voltage
5mA ² IREG1 ² 1.0A
6.0
V
Output Noise
10Hz-100kHz
300
µVrms
s Secondary Output (VOUT2)
Output Voltage
IOUT2 = 250mA
4.75
5.00
5.25
V
Line Regulation
7V ² VCC ² 26V
40
mV
Load Regulation
5mA ² IOUT2 ² 250mA
100
mV
Dropout Voltage
IOUT2 = 5.0mA
2.2
V
Dropout Voltage
IOUT2 = 250mA
2.5
V
Quiescent Bias Current
IOUT2 = 5mA, ENABLE1 = 0V, VCC = 14V
7
mA
IQ = ICC - IOUT2
Quiescent Bias Current
IOUT2 = 250mA, ENABLE1 = 0V, VCC = 14V
8
mA
IQ = ICC - IOUT2
Ripple Rejection
f = 120Hz, VCC = 14V with 1.0 VPP AC,
90
dB
COUT = 0µF
f= 10kHz, VCC = 14V with 1.0VPP AC,
75
dB
COUT = 0µF
f = 20kHz, VCC = 14V with 1.0VPP AC,
67
dB
COUT = 0µF
Absolute Maximum Ratings
Power Dissipation .............................................................................................................................................Internally Limited
ENABLE Input Voltage Range .............................................................................................................................-0.6V to +10.0V
Load Current (8V Regulator)...........................................................................................................................Internally Limited
Load Current (5V Regulator)...........................................................................................................................Internally Limited
Transient Peak Voltage (31V load dump @ 14V VCC) ...........................................................................................................45V
Storage Temperature Range ................................................................................................................................-65¡C to +150¡C
Junction Temperature Range...............................................................................................................................-40¡C to +150¡C
Lead Temperature Soldering: Wave Solder (through hole styles only) ..........................................10 sec. max, 260¡C peak



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com