Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8164 Datasheet (PDF) - ON Semiconductor

CS8164 Datasheet PDF - ON Semiconductor
Part # CS8164
Download  CS8164 Download
File Size   83.59 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8V/5V Low Dropout Dual Regulator

CS8164 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8164 Datasheet PDF - ON Semiconductor

Part # CS8164
Download  CS8164 Click to download

File Size   83.59 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8V/5V Low Dropout Dual Regulator

CS8164 Datasheet (HTML) - ON Semiconductor


CS8164 Product details

Description
The CS8164 is a low dropout, dual 8V/5V linear regulator. The secondary 5V/100mA output is used for powering systems with standby memory. Quiescent current drain is less than 2mA when supplying 10mA loads from the standby regulator.

Features
■ Two Regulated Outputs
    Primary Output 8V ±5%; 750mA
    Secondary Output 5V ±2%; 100mA
■ Low Dropout Voltage
■ ON/OFF Control Option
■ Standby Quiescent Drain (<2mA)
■ Protection Features
        Reverse Battery
        60V Peak Transient Voltage
    -50V Reverse Transient
    Short Circuit
        Thermal Shutdown




Similar Part No. - CS8164

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
logo
Hubbell Incorporated.
CS8164C HUBBELL-CS8164C Datasheet
791Kb / 4P
50 Amp Twist-Lock® Devices
5/20
logo
Cherry Semiconductor Co...
CS8164YT5 CHERRY-CS8164YT5 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8164YTHA5 CHERRY-CS8164YTHA5 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8164YTVA5 CHERRY-CS8164YTVA5 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
More results


Similar Description - CS8164

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
5V LOW DROPOUT REGULATOR
logo
STMicroelectronics
STV8131 STMICROELECTRONICS-STV8131 Datasheet
68Kb / 5P
5V AND 8V VOLTAGE REGULATOR
Sep-2003
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940_05 Datasheet
211Kb / 6P
5V Low Dropout Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com