Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8164 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8164
Description  8V/5V Low Dropout Dual Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8164 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8164 Datasheet HTML 1Page - ON Semiconductor CS8164 Datasheet HTML 2Page - ON Semiconductor CS8164 Datasheet HTML 3Page - ON Semiconductor CS8164 Datasheet HTML 4Page - ON Semiconductor CS8164 Datasheet HTML 5Page - ON Semiconductor CS8164 Datasheet HTML 6Page - ON Semiconductor CS8164 Datasheet HTML 7Page - ON Semiconductor CS8164 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
5 Lead TO-220
1VIN
Supply voltage, usually direct from battery.
2VOUT1
Regulated output 8V, 750mA (typ).
3
Gnd
Ground connection.
4
ENABLE
CMOS compatible input lead; switches VOUT1 on and off. When
ENABLE is high, VOUT1 is active.
5VOUT2
Standby output 5V, 100mA (typ); always on.
s OUTPUT STAGE (V
OUT1)
Output Voltage, VOUT1
13V
≤ V
IN ≤ 26V, IOUT1 ≤ 500mA,
7.6
8.0
8.4
V
13V
≤ V
IN ≤ 16V, IOUT1 ≤ 750mA
7.6
8.0
8.4
V
Dropout Voltage
IOUT1 = 500mA
0.60
V
Line Regulation
13V
≤ V
IN ≤ 16V, IOUT1 = 5mA
15
80
mV
Load Regulation
5mA
≤ I
OUT1 ≤ 500mA
15
80
mV
Quiescent Current
IOUT1 ≤ 10mA, No Load on Standby
3
7
mA
IOUT1 = 500mA, No Load on Standby
40
100
mA
IOUT1 = 750mA, No Load on Standby
90
mA
Ripple Rejection
f = 120Hz
53
dB
Current Limit
0.75
1.40
2.50
A
Long Term Stability
50
mV/khr
Output Impedance
500mA DC and 10mA rms,
200
m
Ω
100Hz - 10kHz
Thermal Shutdown
150
190
°C
Overvoltage Shutdown
26
40
V
s Standby Output (VOUT2)
Output Voltage, (VOUT2)
6V
≤ V
IN ≤ 26V
4.75
5.00
5.25
V
Dropout Voltage
IOUT2 ≤ 100mA
0.55
0.70
V
Line Regulation
6V
≤ V
IN ≤ 26V
4
50
mV
Load Regulation
1mA
≤ I
OUT2 ≤ 100mA
10
50
mV
Quiescent Current
IOUT2 ≤ 10mA, -40°C ≤ TJ ≤ +125°C
2
3
mA
VOUT1 OFF
Ripple Rejection
f = 120Hz
66
dB
Current Limit
200
mA
Long Term Stability
20
mV/khr
Output Impedance
10mA DC and 1mA rms, 100Hz - 10kHz
1
Ω
s ENABLE Function (ENABLE)
Input ENABLE Threshold
VOUT1 Off
1.25
0.80
V
VOUT1 On
2.00
1.25
V
Input ENABLE Current
VENABLE ≤ VTHRESHOLD
-10
10
µA
Electrical Characteristics for VOUT: VIN = 14V, IOUT = 500mA, -40°C ≤ TJ ≤ +150°C unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com