Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8164 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8164
Description  8V/5V Low Dropout Dual Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8164 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8164 Datasheet HTML 1Page - ON Semiconductor CS8164 Datasheet HTML 2Page - ON Semiconductor CS8164 Datasheet HTML 3Page - ON Semiconductor CS8164 Datasheet HTML 4Page - ON Semiconductor CS8164 Datasheet HTML 5Page - ON Semiconductor CS8164 Datasheet HTML 6Page - ON Semiconductor CS8164 Datasheet HTML 7Page - ON Semiconductor CS8164 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance Characteristics
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
OUTPUT CURRENT (mA)
0
200
400
600
800
Dropout Voltage vs. Output Current
7
6
5
4
3
2
1
0
-1
-2
INPUT VOLTAGE (V)
8
9
10
11
12
13
-40
-20
0
20
40
60
RL=10Ω
Output Voltage vs. Input Voltage
7
6
5
4
3
2
1
0
-1
-2
INPUT VOLTAGE (V)
-40
-20
0
20
40
60
RL= 500Ω
Standby Output Voltage vs. Input Voltage
20
10
0
-10
-20
3
2
1
0
TIME (
µs)
IOUT1 = 500mA
0
10203040
5060
Line Transient Response (VOUT1)
10
TIME (
µs)
5
0
-5
-10
3
2
1
0
0
10
20
3040
5060
Line Transient Response (VOUT2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com