Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8131 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV8131
Description  5V AND 8V VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8131 Datasheet(HTML) 1 Page - STMicroelectronics

  STV8131 Datasheet HTML 1Page - STMicroelectronics STV8131 Datasheet HTML 2Page - STMicroelectronics STV8131 Datasheet HTML 3Page - STMicroelectronics STV8131 Datasheet HTML 4Page - STMicroelectronics STV8131 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
September 2003
1/5
This is preliminary information on a new product now in development. Details are subject to change without notice.
STV8131
5V AND 8V VOLTAGE REGULATOR
PRODUCT PREVIEW
FEATURES
s
Output Currents up to 1A
s
Fixed Precision Output 1 Voltage 5V ± 2%
s
Fixed Precision Output 2 Voltage 8V ± 2%
s
Output 1 with Disable by TTL Input
s
Output 2 with Disable by TTL Input
s
Short Circuit Protection at both Outputs
s
Thermal Protection
s
Low Drop Output Voltage
DESCRIPTION
The STV8131 is a monolithic dual positive voltage
regulator designed to provide fixed precision out-
put voltages of 5V and 8V at currents up to 1A.
Each output can be disabled separately by a TTL
input.
Short circuit and thermal protections are included.
Figure 1. Pin Connections
HEPTAWATT
(Plastic Package)
ORDER CODES: STV8131
7
6
5
4
3
2
1
Tab connected to Pin 4
OUTPUT 1
OUTPUT 2
INPUT 2
INPUT 1
GROUND
DISABLE FOR OUTPUT 2
DISABLE FOR OUTPUT 1
1


Similar Part No. - STV8131

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8130A STMICROELECTRONICS-STV8130A Datasheet
159Kb / 9P
3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
Rev. 1.7
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
STV8130B STMICROELECTRONICS-STV8130B Datasheet
159Kb / 9P
3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
Rev. 1.7
More results

Similar Description - STV8131

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE964 NTE-NTE964 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator, 8V
NTE965 NTE-NTE965 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, -8V, 1A
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
5.1V 8V REGULATOR WITH DISABLE AND RESET
Mar-1994
logo
Cherry Semiconductor Co...
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8371 CHERRY-CS8371 Datasheet
174Kb / 8P
8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
logo
List of Unclassifed Man...
SE78L05 ETC-SE78L05 Datasheet
164Kb / 5P
5V POSITIVE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
logo
Seaward Electronics Inc...
SE78L05D SEAWARD-SE78L05D Datasheet
166Kb / 5P
5V Positive Voltage Regulator
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Monolithic Power System...
MP8126 MPS-MP8126 Datasheet
313Kb / 13P
550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com