Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8131 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV8131
Description  5V AND 8V VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8131 Datasheet(HTML) 4 Page - STMicroelectronics

  STV8131 Datasheet HTML 1Page - STMicroelectronics STV8131 Datasheet HTML 2Page - STMicroelectronics STV8131 Datasheet HTML 3Page - STMicroelectronics STV8131 Datasheet HTML 4Page - STMicroelectronics STV8131 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STV8131
4/5
PACKAGE MECHANICAL DATA
9-PINS - PLASTIC HEPTAWATT
Figure 4. 9-Pin Package
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.8
0.189
C
1.37
0.054
D
2.4
2.8
0.094
0.110
D1
1.2
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
F
0.6
0.8
0.024
0.031
F1
0.9
0.035
G
2.41
2.54
2.67
0.095
0.100
0.105
G1
4.91
5.08
5.21
0.193
0.200
0.205
G2
7.49
7.62
7.80
0.295
0.300
0.307
H2
10.4
0.409
H3
10.05
10.40
0.396
0.409
L
16.97
0.668
L1
14.92
0.587
L2
21.54
0.848
L3
22.62
0.891
L5
2.6
3.0
0.102
0.118
L6
15.10
15.80
0.594
0.622
L7
6.0
6.6
0.236
0.260
M
2.8
0.110
M1
5.08
0.200
Dia.
3.65
3.85
0.144
0.152
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com