Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8130B Datasheet (PDF) - STMicroelectronics

STV8130B Datasheet PDF - STMicroelectronics
Part # STV8130B
Download  STV8130B Download
File Size   159.77 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET

STV8130B Datasheet (PDF)

Go To PDF Page Download Datasheet
STV8130B Datasheet PDF - STMicroelectronics

Part # STV8130B
Download  STV8130B Click to download

File Size   159.77 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET

STV8130B Datasheet (HTML) - STMicroelectronics


STV8130B Product details

FEATURES
Output currents up to 750mA for STV8130A and
up to 200mA for STV8130B
Fixed precision output 1 voltage 3.3V ± 2%
Output 2 voltage programmable from 2.8V to
16V
Output 1 with reset facility
Output 2 with disable by TTL input
Short circuit protection at both outputs
Thermal protection
Lowdrop output voltage

DESCRIPTION
The STV8130A and STV8130B are monolithic
dual positive voltage regulators, designed to provide
precision output voltages of 3.3V and adjustable,
at currents up to 750mA for STV8130A and
200mA for STV8130B. The ability to deliver currents
is the same for the two ICs, but the higher
thermal resistor of PDIP8 does not allow to overpass
200mA for the STV8130B.
An internal reset circuit generates a reset pulse if
Output 1 drops below the regulated voltage value.
Output 2 can be disabled by TTL input. Short circuit
and thermal protections are included.




Similar Part No. - STV8130B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
More results


Similar Description - STV8130B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4902A STMICROELECTRONICS-L4902A Datasheet
113Kb / 9P
DUAL 5V REGULATOR WITH RESET AND DISABLE
Jun-2000
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
5.1V 8V REGULATOR WITH DISABLE AND RESET
Mar-1994
TDA8138 STMICROELECTRONICS-TDA8138 Datasheet
103Kb / 6P
5.1V 12V REGULATOR WITH DISABLE AND RESET
May-1993
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
Sep-1993
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
logo
List of Unclassifed Man...
ILA8138A ETC1-ILA8138A Datasheet
34Kb / 5P
5.1V 12V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
STV8163 STMICROELECTRONICS-STV8163 Datasheet
113Kb / 11P
3.3 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
Sep-2003
logo
KODENSHI_AUK CORP.
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
Double (5.1 V and adjustable) voltage regulator with reset and disable functions
25-Feb-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com