Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8130B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV8130B
Description  3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8130B Datasheet(HTML) 1 Page - STMicroelectronics

  STV8130B Datasheet HTML 1Page - STMicroelectronics STV8130B Datasheet HTML 2Page - STMicroelectronics STV8130B Datasheet HTML 3Page - STMicroelectronics STV8130B Datasheet HTML 4Page - STMicroelectronics STV8130B Datasheet HTML 5Page - STMicroelectronics STV8130B Datasheet HTML 6Page - STMicroelectronics STV8130B Datasheet HTML 7Page - STMicroelectronics STV8130B Datasheet HTML 8Page - STMicroelectronics STV8130B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 1.7
June 2000
1/9
This is preliminary information on a new product. Details are subject to change without notice.
STV8130A/STV8130B
3.3V AND ADJUSTABLE VOLTAGE REGULATORS
WITH DISABLE AND RESET
FEATURES
s
Output currents up to 750mA for STV8130A and
up to 200mA for STV8130B
s
Fixed precision output 1 voltage 3.3V ± 2%
s
Output 2 voltage programmable from 2.8V to
16V
s
Output 1 with reset facility
s
Output 2 with disable by TTL input
s
Short circuit protection at both outputs
s
Thermal protection
s
Lowdrop output voltage
DESCRIPTION
The STV8130A and STV8130B are monolithic
dual positive voltage regulators, designed to pro-
vide precision output voltages of 3.3V and adjust-
able, at currents up to 750mA for STV8130A and
200mA for STV8130B. The ability to deliver cur-
rents is the same for the two ICs, but the higher
thermal resistor of PDIP8 does not allow to over-
pass 200mA for the STV8130B.
An internal reset circuit generates a reset pulse if
Output 1 drops below the regulated voltage value.
Output 2 can be disabled by TTL input. Short cir-
cuit and thermal protections are included.
PIN CONNECTIONS
SIP9
ORDER CODE: STV8130A
(Plastic Package)
PDIP8
ORDER CODE: STV8130B
(Plastic Package)
9
8
7
6
5
4
3
2
1
Output 1
Output 2
Program
RESET
Ground
Disable
Delay Capacitor
Input 2
Input 1
1
2
3
45
8
7
6
Delay
Capacitor
Ground
Input
Output 1
Output 2
Program
RESET
Disable
STV8130 B
STV8130 A
1


Similar Part No. - STV8130B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
More results

Similar Description - STV8130B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4902A STMICROELECTRONICS-L4902A Datasheet
113Kb / 9P
DUAL 5V REGULATOR WITH RESET AND DISABLE
Jun-2000
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
5.1V 8V REGULATOR WITH DISABLE AND RESET
Mar-1994
TDA8138 STMICROELECTRONICS-TDA8138 Datasheet
103Kb / 6P
5.1V 12V REGULATOR WITH DISABLE AND RESET
May-1993
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
Sep-1993
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
logo
List of Unclassifed Man...
ILA8138A ETC1-ILA8138A Datasheet
34Kb / 5P
5.1V 12V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
STV8163 STMICROELECTRONICS-STV8163 Datasheet
113Kb / 11P
3.3 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
Sep-2003
logo
KODENSHI_AUK CORP.
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
Double (5.1 V and adjustable) voltage regulator with reset and disable functions
25-Feb-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com