Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8130B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV8130B
Description  3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8130B Datasheet(HTML) 6 Page - STMicroelectronics

  STV8130B Datasheet HTML 1Page - STMicroelectronics STV8130B Datasheet HTML 2Page - STMicroelectronics STV8130B Datasheet HTML 3Page - STMicroelectronics STV8130B Datasheet HTML 4Page - STMicroelectronics STV8130B Datasheet HTML 5Page - STMicroelectronics STV8130B Datasheet HTML 6Page - STMicroelectronics STV8130B Datasheet HTML 7Page - STMicroelectronics STV8130B Datasheet HTML 8Page - STMicroelectronics STV8130B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STV8130A/STV8130B
6/9
CIRCUIT DESCRIPTION
The STV8130A and STV8130B are dual voltage
regulators with Reset and Disable.
The two regulation parts are supplied from one
voltage reference circuit trimmed by zener zap
during EWS testing. Since the supply voltage of
this last is connected at Pin 1 (VIN1) in STV8130A,
regulator 2 will not work if Pin 1 is not supplied.
In STV8130B, the two regulators are supplied by
pin 1.
The output stages have been designed in a dar-
lington configuration with a typical drop of 1.2V.
The adjustable voltage of Output 2 is defined by
output bridge resistors (R1, R2): the values of
these resistors are calculated to obtain, with the
targetted value for V02, the Vref voltage (2.44V)
on the median point connected to PROGRAM (Pin
7 for STV8130A or Pin 6 for STV8130B).
The disable circuit switches off Output 2 if a volt-
age of less than 0.8V is applied at Pin 4
(STV8130A) or Pin 3 (STV8130B).
The Reset circuit checks the voltage at Output 1. If
this drops below VOUT - 0.20V (3.10V Typ.), then
the first comparator “a” (see Figure 1) rapidly dis-
charges the Capacitor Ce and the reset output im-
mediately drops to low. This drop can be caused
by a parasitic loading condition on Out 1 or by a
too low value of VIN (short powering off). Once the
voltage at Out 1 rises above VOUT -0.15V (3.15V
Typ.), voltage VCe increases linearly to 2.44V cor-
responding to delay tD following the law below
(see Figure 2), then the reset output becomes high
again.
To avoid problems with the reset output, the sec-
ond comparator “b” has a large hysteresis (1.9V).
TYPICAL APPLICATION
t
D
C
E
2.44V
×
()
10
µA
----------------------------------
=
V
02
V
ref
R
1
R
2
+
R
1
--------------------
×
=
with Vref = 2.44V
STV8130A
0.1µF
Ce
RESET
VIN1
VIN2
V01
V02
R2
R1
C1 to C4 = 10µF
C1
C2
C3
C4
DISABLE
1
2
54
8
9
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com