Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC161CJ Datasheet (PDF) - Infineon Technologies AG

XC161CJ Datasheet PDF - Infineon Technologies AG
Part # XC161CJ
Download  XC161CJ Download
File Size   2440.06 Kbytes
Page   79 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Microcontroller

XC161CJ Datasheet (PDF)

Go To PDF Page Download Datasheet
XC161CJ Datasheet PDF - Infineon Technologies AG

Part # XC161CJ
Download  XC161CJ Click to download

File Size   2440.06 Kbytes
Page   79 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Microcontroller

XC161CJ Datasheet (HTML) - Infineon Technologies AG


XC161CJ Product details

General Device Information
Introduction
The XC161 derivatives are high-performance members of the Infineon XC166 Family of full featured single-chip CMOS microcontrollers. These devices extend the functionality and performance of the C166 Family in terms of instructions (MAC unit), peripherals, and speed. They combine high CPU performance (up to 40 million instructions per second) with high peripheral functionality and enhanced IO-capabilities. They also provide clock generation via PLL and various on-chip memory modules such as program Flash, program RAM, and data RAM.

Summary of Features
• High Performance 16-bit CPU with 5-Stage Pipeline
   – 25 ns Instruction Cycle Time at 40 MHz CPU Clock (Single-Cycle Execution)
   – 1-Cycle Multiplication (16 × 16 bit), Background Division (32 / 16 bit) in 21 Cycles
   – 1-Cycle Multiply-and-Accumulate (MAC) Instructions
   – Enhanced Boolean Bit Manipulation Facilities
   – Zero-Cycle Jump Execution
   – Additional Instructions to Support HLL and Operating Systems
   – Register-Based Design with Multiple Variable Register Banks
   – Fast Context Switching Support with Two Additional Local Register Banks
   – 16 Mbytes Total Linear Address Space for Code and Data
   – 1024 Bytes On-Chip Special Function Register Area (C166 Family Compatible)
• 16-Priority-Level Interrupt System with 74 Sources, Sample-Rate down to 50 ns
• 8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event Controller (PEC), 24-Bit Pointers Cover Total Address Space
• Clock Generation via on-chip PLL (factors 1:0.15 …1:10), or via Prescaler (factors 1:1 …60:1)
• On-Chip Memory Modules
   – 2 Kbytes On-Chip Dual-Port RAM (DPRAM)
   – 4 Kbytes On-Chip Data SRAM (DSRAM)
   – 2 Kbytes On-Chip Program/Data SRAM (PSRAM)
   – 128 Kbytes On-Chip Program Memory (Flash Memory)
• On-Chip Peripheral Modules
   – 12-Channel A/D Converter with Programmable Resolution (10-bit or 8-bit) and Conversion Time (down to 2.55 µs or 2.15 µs)
   – Two 16-Channel General Purpose Capture/Compare Units (32 Input/Output Pins)
   – Multi-Functional General Purpose Timer Unit with 5 Timers
   – Two Synchronous/Asynchronous Serial Channels (USARTs)
   – Two High-Speed-Synchronous Serial Channels
   – On-Chip TwinCAN Interface (Rev. 2.0B active) with 32 Message Objects
      (Full CAN/Basic CAN) on Two CAN Nodes, and Gateway Functionality
   – Serial Data Link Module (SDLM), compliant with J1850, supporting Class 2
   – IIC Bus Interface (10-bit addressing, 400 kbit/s) with 3 Channels (multiplexed)
   – On-Chip Real Time Clock, Driven by Dedicated Oscillator
• Idle, Sleep, and Power Down Modes with Flexible Power Management
• Programmable Watchdog Timer and Oscillator Watchdog
• Up to 12 Mbytes External Address Space for Code and Data
   – Programmable External Bus Characteristics for Different Address Ranges
   – Multiplexed or Demultiplexed External Address/Data Buses
   – Selectable Address Bus Width
   – 16-Bit or 8-Bit Data Bus Width
   – Five Programmable Chip-Select Signals
   – Hold- and Hold-Acknowledge Bus Arbitration Support
• Up to 99 General Purpose I/O Lines, partly with Selectable Input Thresholds and Hysteresis
• On-Chip Bootstrap Loader
• Supported by a Large Range of Development Tools like C-Compilers, Macro-Assembler Packages, Emulators, Evaluation Boards, HLL-Debuggers, Simulators, Logic Analyzer Disassemblers, Programming Boards
• On-Chip Debug Support via JTAG Interface
• 144-Pin TQFP Package, 0.5 mm (19.7 mil) pitch




Similar Part No. - XC161CJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC161CJ INFINEON-XC161CJ Datasheet
863Kb / 78P
16-Bi t Single-Chip Microcontroller Preliminary
V1.0, Mar. 2002
XC161CJ-16F INFINEON-XC161CJ-16F Datasheet
1Mb / 87P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.3, March 2006
XC161CJ-16F INFINEON-XC161CJ-16F Datasheet
1Mb / 88P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.4, Aug. 2006
XC161CJ-16F INFINEON-XC161CJ-16F_06 Datasheet
1Mb / 88P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.4, Aug. 2006
XC161CJ16F40FBBFXQMA1 INFINEON-XC161CJ16F40FBBFXQMA1 Datasheet
1Mb / 88P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.4, Aug. 2006
More results


Similar Description - XC161CJ

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com