Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR182W Datasheet (PDF) - Infineon Technologies AG

BFR182W Datasheet PDF - Infineon Technologies AG
Part # BFR182W
Download  BFR182W Download
File Size   79.15 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFR182W Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR182W Datasheet PDF - Infineon Technologies AG

Part # BFR182W
Download  BFR182W Click to download

File Size   79.15 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFR182W Datasheet (HTML) - Infineon Technologies AG


BFR182W Product details

Low Noise Silicon Bipolar RF Transistor

• For low noise, high-gain broadband amplifiers at collector currents from 1 mA to 20 mA
• fT = 8 GHz, NFmin = 0.9 dB at 900 MHz
• Pb-free (RoHS compliant) and halogen-free package with visible leads
• Qualification report according to AEC-Q101 available




Similar Part No. - BFR182W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR182W SIEMENS-BFR182W Datasheet
55Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
logo
Infineon Technologies A...
BFR182W INFINEON-BFR182W Datasheet
517Kb / 7P
NPN Silicon RF Transistor
2010-04-06
BFR182W INFINEON-BFR182W Datasheet
672Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR182W INFINEON-BFR182W_10 Datasheet
517Kb / 7P
NPN Silicon RF Transistor
2010-04-06
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-07
More results


Similar Description - BFR182W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com