Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR340F Datasheet (PDF) - Infineon Technologies AG

BFR340F Datasheet PDF - Infineon Technologies AG
Part # BFR340F
Download  BFR340F Download
File Size   150.68 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFR340F Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR340F Datasheet PDF - Infineon Technologies AG

Part # BFR340F
Download  BFR340F Click to download

File Size   150.68 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFR340F Datasheet (HTML) - Infineon Technologies AG


BFR340F Product details

Low Noise Silicon Bipolar RF Transistor

• General purpose Low Noise Amplifier
• Ideal for low current operation
• High breakdown voltage enables
   operation in automotive applications
• Minimum noise figure 1.0 dB @ 1mA,1.5 V,1.9 GHz
• Pb-free (RoHS compliant) and halogen-free thin small
   flat package (1.2 x 1.2 mm2 ) with visible leads
• Qualification report according to AEC-Q101 available




Similar Part No. - BFR340F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR340F INFINEON-BFR340F Datasheet
619Kb / 12P
NPN Silicon RF Transistor
2010-05-17
BFR340F INFINEON-BFR340F Datasheet
661Kb / 11P
General purpose Low Noise Amplifier
2013-11-06
BFR340F INFINEON-BFR340F_10 Datasheet
619Kb / 12P
NPN Silicon RF Transistor
2010-05-17
BFR340F INFINEON-BFR340F_13 Datasheet
661Kb / 11P
General purpose Low Noise Amplifier
2013-11-06
More results


Similar Description - BFR340F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com