Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS380L6 Datasheet (PDF) - Infineon Technologies AG

BFS380L6 Datasheet PDF - Infineon Technologies AG
Part # BFS380L6
Download  BFS380L6 Download
File Size   98.94 Kbytes
Page   3 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFS380L6 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFS380L6 Datasheet PDF - Infineon Technologies AG

Part # BFS380L6
Download  BFS380L6 Click to download

File Size   98.94 Kbytes
Page   3 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFS380L6 Datasheet (HTML) - Infineon Technologies AG


BFS380L6 Product details

NPN Silicon RF Transistor

Preliminary data
• High current capability and low figure for
   wide dynamic range application
• Low voltage operation
• Ideal for low phase noise oscillators up to 3.5 GHz
• Low noise figure: 1.1 dB at 1.8 GHz
• Built in 2 transistors ( TR1, TR2: die as BFR380L3)




Similar Part No. - BFS380L6

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BFS3822A024 LOVATO-BFS3822A024 Datasheet
226Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 38A, AC COIL 50/60HZ, 24VAC, 2NO2NC AUXILIARY CONTACT
BFS3822A110 LOVATO-BFS3822A110 Datasheet
226Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 38A, AC COIL 50/60HZ, 110VAC, 2NO2NC AUXILIARY CONTACT
BFS3822A230 LOVATO-BFS3822A230 Datasheet
226Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 38A, AC COIL 50/60HZ, 230VAC, 2NO2NC AUXILIARY CONTACT
BFS3822D024 LOVATO-BFS3822D024 Datasheet
227Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 38A, DC COIL, 24VDC, 2NO2NC AUXILIARY CONTACT
logo
Infineon Technologies A...
BFS386L6 INFINEON-BFS386L6 Datasheet
109Kb / 4P
NPN Silicon RF Transistor
Jun-11-2003
More results


Similar Description - BFS380L6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com