| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX5170
|
241Kb / 16P |
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99 |
|
MAX5174
|
255Kb / 16P |
Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99 |
|
MAX5512
|
1Mb / 23P |
Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04 |
|
MAX5533
|
1Mb / 24P |
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03 |
|
MAX5530
|
1,010Kb / 19P |
ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04 |
|
MAX5138
|
360Kb / 17P |
Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09 |
|
MAX5138
|
483Kb / 17P |
Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12 |
|
MAX5523EUA
|
1Mb / 23P |
Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04 |
|
MAX5522
|
1Mb / 23P |
Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04 |
|
MAX5532
|
4Mb / 26P |
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021 |