Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPF-GP-01D3 Datasheet (PDF) - STMicroelectronics

DLPF-GP-01D3 Datasheet PDF - STMicroelectronics
Part # DLPF-GP-01D3
Download  DLPF-GP-01D3 Download
File Size   730.95 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual differential filter with integrated matching for GreenPeak transceiver

DLPF-GP-01D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DLPF-GP-01D3 Datasheet PDF - STMicroelectronics

Part # DLPF-GP-01D3
Download  DLPF-GP-01D3 Click to download

File Size   730.95 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual differential filter with integrated matching for GreenPeak transceiver

DLPF-GP-01D3 Datasheet (HTML) - STMicroelectronics


DLPF-GP-01D3 Product details

Description
The DLPF-GP-01D3 is an ultra miniature dual differential filter tailored for GreenPeak Zigbee/RF4CE RF transceivers. The DLPF-GP-01D3 integrates also matching network and replaces 16 SMD components. Matching impedance has been customized for GreenPeak Zigbee/RF4CE RF transceivers. It is using STMicroelectronics IPD technology on nonconductive Glass substrate which optimize RF performances.

Features
■ Nominal Input / conjugate match to GreenPeak
■ Low loss dual-channel differential filter
■ Low loss dual-channel common-mode filter
■ Small footprint < 1.2 x 3.4 mm²
■ Very low profile (< 560 µm after reflow)
■ High RF performance
■ RF BOM and area reduction

Applications
■ 2.45 GHz impedance matched dual-differential filter
■ Optimized for GreenPeak GP540 and GP561 circuits




Similar Part No. - DLPF-GP-01D3

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DLP-04 MEANWELL-DLP-04 Datasheet
168Kb / 7P
DALI Bus Power Supply
DLP-04L MEANWELL-DLP-04L Datasheet
168Kb / 7P
DALI Bus Power Supply
DLP-04R MEANWELL-DLP-04R Datasheet
168Kb / 7P
DALI Bus Power Supply
logo
List of Unclassifed Man...
DLP-7970ABP ETC2-DLP-7970ABP Datasheet
60Kb / 2P
Compatible with NFCLink Library, Compatible with MSP430G2x LaunchPad
logo
SYNERGY MICROWAVE CORPO...
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
POWER DIVIDERS 0쨘 : 12-WAY
More results


Similar Description - DLPF-GP-01D3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCMF1HDMI2SZ NXP-PCMF1HDMI2SZ Datasheet
1Mb / 20P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-19 April 2016
PCMF1USB3SZ NXP-PCMF1USB3SZ Datasheet
1Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-7 March 2016
PCMF3USB3SZ NXP-PCMF3USB3SZ Datasheet
1Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-7 March 2016
logo
Murata Manufacturing Co...
LFD21868MMF1D386 MURATA-LFD21868MMF1D386 Datasheet
192Kb / 2P
DUAL MATCHING FILTER
logo
Nexperia B.V. All right...
PCMFXUSB3S NEXPERIA-PCMFXUSB3S Datasheet
9Mb / 22P
Common-mode EMI filter for differential channels with integrated ESD protection
PCMF2DFN1 NEXPERIA-PCMF2DFN1 Datasheet
1Mb / 15P
Common-mode EMI filter for differential channels with integrated ESD protection
PCMFXHDMI14S_SER NEXPERIA-PCMFXHDMI14S_SER Datasheet
2Mb / 17P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 1 - 15 September 2016
PCMFXHDMI2S_SER NEXPERIA-PCMFXHDMI2S_SER Datasheet
2Mb / 20P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2 - 19 April 2016
PCMFXUSB30_SER NEXPERIA-PCMFXUSB30_SER Datasheet
2Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 1 - 01 April 2016
PCMFXUSB3S_SER NEXPERIA-PCMFXUSB3S_SER Datasheet
9Mb / 22P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 3 - 7 March 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com