Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPF-GP-01D3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # DLPF-GP-01D3
Description  Dual differential filter with integrated matching for GreenPeak transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DLPF-GP-01D3 Datasheet(HTML) 6 Page - STMicroelectronics

  DLPF-GP-01D3 Datasheet HTML 1Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 2Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 3Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 4Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 5Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 6Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 7Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 8Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
DLPF-GP-01D3
6/9
DocID026812 Rev 1
Figure 9. Layout recommendations
No extra components required thanks to DLPF-GP-01D3.
Dimensions (distances) from center pad to center pad (filter GP chip) shall be respected as
much as possible in order to avoid any deviation in performances.
Figure 10. Footprint - non solder mask
defined
Figure 11. Footprint - solder mask defined
Copper pad diameter:
220 µm recommended
180 µm minimum
260 µm maximum
Solder mask opening:
320 µm recommended
300 µm minimum
340 µm maximum
Solder stencil opening:
220 µm recommended
Line to connect copper pad on solder mask opening
shopuld be smaller than copper pad diameter
Solder mask opening :
220 µm recommended
180 µm minimum
260 µm maximum
Copper pad diameter :
320 µm recommended
300 µm minimum
Solder stencil opening :
220 µm recommended



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com