Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPF-GP-01D3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DLPF-GP-01D3
Description  Dual differential filter with integrated matching for GreenPeak transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DLPF-GP-01D3 Datasheet(HTML) 3 Page - STMicroelectronics

  DLPF-GP-01D3 Datasheet HTML 1Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 2Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 3Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 4Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 5Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 6Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 7Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 8Page - STMicroelectronics DLPF-GP-01D3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID026812 Rev 1
3/9
DLPF-GP-01D3
Electrical characteristics
9
2
Electrical characteristics
Table 2. Impedances
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
ZOUT
Nominal differential output impedance
-
Conjugate
match to
GreenPeak IC
-
Ω
ZIN
Nominal differential input impedance
-
100
-
Ω
Table 3. RF performance
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
TOP
Operating temperature
-
-40
+80
°C
f
Frequency range (bandwidth)
-
2400
2500
MHz
IL
Insertion loss in bandwidth
Tj = 25 °C
-1.45
-1.7
dB
RL_ANT
Return loss in bandwidth
-16
-11
dB
RL_IC
Return loss in bandwidth
-15
-10.5
dB
2f0
2f0 attenuation
-41
-37
dB
3f0
3f0 attenuation
-34
-28
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com