Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3JCC Datasheet (PDF) - STMicroelectronics

STBB3JCC Datasheet PDF - STMicroelectronics
Part # STBB3JCC
Download  STBB3JCC Download
File Size   2757.63 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver

STBB3JCC Datasheet (PDF)

Go To PDF Page Download Datasheet
STBB3JCC Datasheet PDF - STMicroelectronics

Part # STBB3JCC
Download  STBB3JCC Click to download

File Size   2757.63 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver

STBB3JCC Datasheet (HTML) - STMicroelectronics


STBB3JCC Product details

Description
The STBB3JCC is a fixed frequency, high efficiency, buck-boost DC-DC converter which provides output voltages from 1.2 V to 5.5 V starting from input voltage from 1.8 V to 5.5 V. Thanks to very low sensing voltage, only 100 mV and very low RDS(on) of integrated power MOSFET, it achieves very high efficiency driving high brightness white LED in constant current mode. The device can operate with input voltages higher than, equal to, or lower than the output voltage making the product suitable for cell lithium-Ion applications where the output voltage is within the battery voltage range. The MODE pin allows the selection between auto mode and forced PWM mode, taking advantage from either lower power consumption or best dynamic performance.The device also includes soft-start control, thermal shutdown, and current limit. The STBB3JCC is packaged in Flip Chip 20 bumps with 2.5 x 1.75 mm. Flip Chip 20, pitch = 0.4 mm

Features
■ 100 mV feedback signal
■ Input voltage range from 1.8 V to 5.5 V
■ 2 A output current at 3.3 VOUT in buck mode (VIN= 3.6 V to 5.5 V)
■ 800 mA output current at 3.3 VOUT in boost mode (VIN ≥ 2.0 V)
■ Typical efficiency higher than 94%
■ Automatic transition between step-down and boost mode
■ Adjustable output voltage from 1.2 V to 5.5 V
■ Power save mode (PS) at light load
■ 2.0 MHz fixed switching frequency
■ Adjustable switching frequency up to 2.4 MHz (by external synchronous square signal)
■ Device quiescent current less than 50 μA
■ Load disconnect during shutdown
■ Shutdown function and soft-start
■ Shutdown current < 1 μA
■ Available in Flip Chip 20, pitch = 0.4 mm

Applications
■ HB WLED driver
■ Single cell Li-Ion, two-cell and three-cell alkaline, Ni-MH powered devices
■ Memory card supply
■ Tablet, smartphones
■ Digital cameras




Similar Part No. - STBB3JCC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
2 A, high efficiency single inductor buck-boost DC-DC converter
10-Dec-2015
More results


Similar Description - STBB3JCC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
04-Oct-2011
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
2 A, high efficiency single inductor buck-boost DC-DC converter
10-Dec-2015
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com