Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3JCC Datasheet(PDF) 6 Page - STMicroelectronics

Part # STBB3JCC
Description  2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3JCC Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STBB3JCC Datasheet HTML 2Page - STMicroelectronics STBB3JCC Datasheet HTML 3Page - STMicroelectronics STBB3JCC Datasheet HTML 4Page - STMicroelectronics STBB3JCC Datasheet HTML 5Page - STMicroelectronics STBB3JCC Datasheet HTML 6Page - STMicroelectronics STBB3JCC Datasheet HTML 7Page - STMicroelectronics STBB3JCC Datasheet HTML 8Page - STMicroelectronics STBB3JCC Datasheet HTML 9Page - STMicroelectronics STBB3JCC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Pin configuration
STBB3JCC
6/27
DocID025425 Rev 5
3
Pin configuration
Figure 3. Pin connection top view
Figure 4. Pin connection bottom view
AM16823v1
AM16824v1
Table 3. Pin description
Pin name
Pin
Description
VOUT
A1, A2,
A3
Output voltage.
SW1
D1, D2,
D3
Switch pin - internal switches are connected to this pin. Connect
inductor between SW1 to SW2.
PGND
C1, C2,
C3
Power ground.
SW2
B1, B2,
B3
Switch pin - internal switches are connected to this pin. Connect
inductor between SW1 and SW2.
EN
E4
Enable pin. Connect this pin to GND or a voltage lower than 0.4 V to
shut down the IC. A voltage higher than 1.2 V is required to enable the
IC.
MODE/SYNC
D4
The MODE pin selects auto transition mode and fixed frequency PWM
mode. If the MODE pin is low, the STBB3JCC automatically switches
between pulse-skipping and standard fixed frequency PWM according
to the load level. If the MODE pin is pulled high, the STBB3JCC works
always at fixed frequency. MODE pin must be pulled high if the
STBB3JCC is used as HB WLED driver (constant current) for best
dynamic performance.
When a square wave is applied, this pin provides the clock signal for
oscillator synchronization.
VIN_A
C4
Supply voltage for control stage. Connecting a capacitor of minimum
100 nF between VIN_A and GND.
VIN_SW
E1, E2,
E3
Power input voltage.
GND
B4
Signal ground.
FB
A4
Feedback voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com