Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3JCC Datasheet(PDF) 12 Page - STMicroelectronics

Part # STBB3JCC
Description  2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3JCC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STBB3JCC Datasheet HTML 8Page - STMicroelectronics STBB3JCC Datasheet HTML 9Page - STMicroelectronics STBB3JCC Datasheet HTML 10Page - STMicroelectronics STBB3JCC Datasheet HTML 11Page - STMicroelectronics STBB3JCC Datasheet HTML 12Page - STMicroelectronics STBB3JCC Datasheet HTML 13Page - STMicroelectronics STBB3JCC Datasheet HTML 14Page - STMicroelectronics STBB3JCC Datasheet HTML 15Page - STMicroelectronics STBB3JCC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Typical performance characteristics
STBB3JCC
12/27
DocID025425 Rev 5
Figure 11. Line transient response @ VIN = 3 V
to 3.6 V
Figure 12. Line transient response
@ VIN = 3.6 V to 3 V
Figure 13. Line transient response
@ VIN = 3.6 V to 4 V
Figure 14. Line transient response
@ VIN = 4 V to 3.6 V
Figure 15. Load transient response
@ VIN=1.8 V, IOUT = 100 to 300 mA
Figure 16. Load transient response
@ VIN=1.8 V, IOUT = 300 mA to 100 mA
Input voltage 400 mV/div,
DC offset 3.0 V
Input voltage 50 mV/div,
DC offset 3.27 V
Timebase 200
µs/div
AM16831v1
Ch1=VIN
, Ch3=VOUT
Input voltage 400
mV/div, DC offset 3.0 V
Timebase 200
µs/div
Output voltage 50
mV/div, DC offset 3.27 V
Ch1=VIN
, Ch3=VOUT
AM16832v1
AM16833v1
Input voltage 400
mV/div, DC offset 3.0 V
Output voltage 50
mV/div, DC offset 3.27 V
Timebase 200
µs/div
Ch1=VIN
, Ch3=VOUT
AM16834v1
Timebase 200
µs/div
Input voltage 400
mV/div, DC offset 3.0 V
Output voltage 50
mV/div, DC offset 3.27 V
Ch1=VIN
, Ch3=VOUT
AM16835v1
Output voltage 50
mV/div, DC offset 3.27 V
Output current 100
mA/div, DC
Timebase 50
µs/div
Ch4=IOUT
, Ch3=VOUT
AM16836v1
Output voltage 50
mV/div, DC offset 3.27 V
Output current 100
mA/div, DC
Timebase 50
µs/div
Ch4=IOUT
, Ch3=VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com