Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3JCC Datasheet(PDF) 11 Page - STMicroelectronics

Part # STBB3JCC
Description  2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3JCC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STBB3JCC Datasheet HTML 7Page - STMicroelectronics STBB3JCC Datasheet HTML 8Page - STMicroelectronics STBB3JCC Datasheet HTML 9Page - STMicroelectronics STBB3JCC Datasheet HTML 10Page - STMicroelectronics STBB3JCC Datasheet HTML 11Page - STMicroelectronics STBB3JCC Datasheet HTML 12Page - STMicroelectronics STBB3JCC Datasheet HTML 13Page - STMicroelectronics STBB3JCC Datasheet HTML 14Page - STMicroelectronics STBB3JCC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID025425 Rev 5
11/27
STBB3JCC
Typical performance characteristics
Figure 5. Efficiency vs. output current (power
save mode enabled VOUT = 3.3 V)
Figure 6. Efficiency vs. output current (power
save mode disabled VOUT = 3.3 V)
Figure 7. Efficiency vs. output current
(PWM/auto mode VIN = 1.8 V)
Figure 8. Efficiency vs. output current
(PWM/auto mode VIN = 3.6 V)
Figure 9. Efficiency vs. output current
(PWM/auto mode VIN = 5.0 V)
Figure 10. Maximum output current vs. input
voltage
AM16825v1
AM16826v1
AM16827v1
AM16828v1
AM16829v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com