Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3JCC Datasheet(PDF) 19 Page - STMicroelectronics

Part # STBB3JCC
Description  2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3JCC Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STBB3JCC Datasheet HTML 15Page - STMicroelectronics STBB3JCC Datasheet HTML 16Page - STMicroelectronics STBB3JCC Datasheet HTML 17Page - STMicroelectronics STBB3JCC Datasheet HTML 18Page - STMicroelectronics STBB3JCC Datasheet HTML 19Page - STMicroelectronics STBB3JCC Datasheet HTML 20Page - STMicroelectronics STBB3JCC Datasheet HTML 21Page - STMicroelectronics STBB3JCC Datasheet HTML 22Page - STMicroelectronics STBB3JCC Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DocID025425 Rev 5
19/27
STBB3JCC
Application information
8.3
Inductor selection
The inductor is the key passive component for switching converters. With a buck-boost
device, the inductor selection must take into consideration the following two conditions in
which the converter works:
as buck region at the maximum input voltage
as boost region at the minimum input voltage
Two critical inductance values are then obtained according to the following formulas:
Equation 3
Equation 4
where fs is the minimum value of the switching frequency and ΔIL is the inductor ripple
current. The amplitude of the inductor ripple current is typically set between 20% and 40%
of the maximum inductor current. To guarantee an inductor ripple current always lower than
the selected value
ΔIL, the higher value between LMIN_BUCK and LMIN_BOOST have to be
chosen. In addition to the inductance value, also the maximum current which the inductor
can handle must be calculated in order to avoid saturation.
Equation 5
Equation 6
where
η is the estimated efficiency. The maximum of the two values above must be
considered when selecting the inductor.
8.4
Input and output capacitor selection
It is recommended to use ceramic capacitors with low ESR as input and output capacitors in
order to filter any disturbance present in the input line and to obtain stable operation.
Minimum values of 10 µF for both capacitors, CIN and COUT, are needed to achieve good
behavior of the device. The input capacitor must be placed as close as possible to the
device.
An R-C filter is added to VINA pin (R3-C5 Figure 30 and Figure 31) to assure a clean input
voltage to the internal logic block.
L
MIN_BUCK
V
OUT
V
IN_MAX
V
OUT
()
×
V
IN_MAX
f
S
ΔI
L
×
×
---------------------------------------------------------------------
=
L
MIN_BOOST
V
IN_MIN
V
OUT
V
IN_MIN
()
×
V
OUT
f
S
ΔI
L
×
×
-------------------------------------------------------------------------
=
I
PEAK_BUCK
I
OUT
η
------------
V
OUT
V
IN_MAX
V
OUT
()
×
2V
IN_MAX
f
S
L
×
×
×
---------------------------------------------------------------------
+
=
I
PEAK_BOOST
V
OUT
I
OUT
×
η V
IN_MIN
×
---------------------------------

 VIN_MIN
V
OUT
V
IN_MIN
()
×
2V
OUT
f
S
L
×
×
×
-------------------------------------------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com