Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3JCC Datasheet(PDF) 16 Page - STMicroelectronics

Part # STBB3JCC
Description  2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3JCC Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STBB3JCC Datasheet HTML 12Page - STMicroelectronics STBB3JCC Datasheet HTML 13Page - STMicroelectronics STBB3JCC Datasheet HTML 14Page - STMicroelectronics STBB3JCC Datasheet HTML 15Page - STMicroelectronics STBB3JCC Datasheet HTML 16Page - STMicroelectronics STBB3JCC Datasheet HTML 17Page - STMicroelectronics STBB3JCC Datasheet HTML 18Page - STMicroelectronics STBB3JCC Datasheet HTML 19Page - STMicroelectronics STBB3JCC Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
General description
STBB3JCC
16/27
DocID025425 Rev 5
Figure 29. Auto mode vs. output current
7.2
External synchronization
The STBB3JCC implements the external synchronization function. If an external clock
signal is applied to the MODE/SYN pin with a frequency between 1.6 MHz and 2.4 MHz and
with proper low/high levels, the device automatically is in PWM mode and the external clock
is used as switching oscillator.
7.3
Enable pin
The device turns on when the EN pin is pulled high. If the EN pin is low the device stops
switching and all the internal blocks are turned off. In this condition the current drawn from
VIN/VINA is below 1 μA in the whole temperature range. In addition the internal switches are
in off-state so the load is electrically disconnected from the input; this avoids unwanted
current leakage from the input to the load. The EN pin can be used as dimming function by
applying a square waveform from100 to 300 Hz.
7.4
Protection features
The STBB3JCC implements different types of protection features.
7.4.1
Soft-start and overcurrent
After the EN pin is pulled high, or after a suitable voltage is applied to VIN, VINA and EN, the
device initiates the startup phase. The average current limit is gradually increased while the
output voltage increases. As soon as the output voltage reaches 1.0 V, the average current
limit is set to its nominal value.
7.4.2
Undervoltage lockout
The undervoltage lockout function prevents improper operation of the STBB3JCC when the
input voltage is not high enough. When the input voltage is below the UVLO threshold, the
device is in shutdown mode. The hysteresis of 100 mV prevents unstable operation when
the input voltage is close to the UVLO threshold.
AM16845v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com