Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3JCC Datasheet(PDF) 17 Page - STMicroelectronics

Part # STBB3JCC
Description  2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3JCC Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STBB3JCC Datasheet HTML 13Page - STMicroelectronics STBB3JCC Datasheet HTML 14Page - STMicroelectronics STBB3JCC Datasheet HTML 15Page - STMicroelectronics STBB3JCC Datasheet HTML 16Page - STMicroelectronics STBB3JCC Datasheet HTML 17Page - STMicroelectronics STBB3JCC Datasheet HTML 18Page - STMicroelectronics STBB3JCC Datasheet HTML 19Page - STMicroelectronics STBB3JCC Datasheet HTML 20Page - STMicroelectronics STBB3JCC Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
DocID025425 Rev 5
17/27
STBB3JCC
Application information
7.4.3
Overtemperature protection
An internal temperature sensor continuously monitors the IC junction temperature. If the IC
temperature exceeds 160 °C (typ.), the device stops operating. As soon as the temperature
falls below 140 °C (typ.), normal operation is restored.
8
Application information
8.1
Programming the output voltage
The external resistor divider must be connected between VOUT and GND and the middle
point of the divider must be connected to FB.
The value for the resistor R2, placed between FB and GND, should be chosen in order to
set the divider current at 10 µA. The recommended value for this resistor is in the range of
50 k
Ω but to reduce the power consumption a maximum value of 20 kΩ can be used.
The value of the resistor R1, connected between VOUT and FB, is function of the output
voltage and can be calculated using the equation 1:
Equation 1
Figure 30. Application schematic
8.2
Programming the output constant current for HB WLED
Sensing resistor
The STBB3JCC feedback pin voltage is 100 mV, this makes the STBB3JCC suitable for
LED driver applications, minimizing the power dissipation across the external sensing
resistor and improving the overall system efficiency. The sensing resistor value is got by the
following formula:
R1
R2
V
OUT
V
FB
--------------
1
–


×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com