Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3J Datasheet (PDF) - STMicroelectronics

STBB3J Datasheet PDF - STMicroelectronics
Part # STBB3J
Download  STBB3J Download
File Size   2008.62 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A, high efficiency single inductor buck-boost DC-DC converter

STBB3J Datasheet (PDF)

Go To PDF Page Download Datasheet
STBB3J Datasheet PDF - STMicroelectronics

Part # STBB3J
Download  STBB3J Click to download

File Size   2008.62 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A, high efficiency single inductor buck-boost DC-DC converter

STBB3J Datasheet (HTML) - STMicroelectronics


STBB3J Product details

Description
The STBB3J is a fixed frequency, high efficiency, buck-boost DC-DC converter which provides output voltages from 1.2 V to 5.5 V starting from input voltage from 1.8 V to 5.5 V. The device can operate with input voltages higher than, equal to, or lower than the output voltage making the product suitable for cell lithium-Ion applications where the output voltage is within the battery voltage range. The low-RDS(on) N-channel and Pchannel MOSFET switches are integrated and contribute to achieve high efficiency. The MODE

Features
■ Input voltage range from 1.8 V to 5.5 V
■ 2 A output current at 3.3 V in buck mode (VIN= 3.6 V to 5.5 V)
■ 800 mA output current at 3.3 V in boost mode (VIN 2.0 V)
■ Typical efficiency higher than 94%
■ ± 2% DC feedback voltage tolerance
■ Automatic transition between step-down and boost mode
■ Adjustable output voltage from 1.2 V to 5.5 V
■ Power save mode (PS) at light load
■ 2.0 MHz fixed switching frequency
■ Adjustable switching frequency up to 2.4 MHz (by external synchronous square signal)
■ Device quiescent current less than 50 μA
■ Load disconnect during shutdown
■ Shutdown function and soft-start
■ Shutdown current < 1 μA
■ Available in Flip Chip 20, pitch = 0.4 mm

Applications
■ Single cell Li-Ion, two-cell and three-cell alkaline, Ni-MH powered devices
■ Memory card supply
■ Tablet, smartphones
■ Digital cameras




Similar Part No. - STBB3J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBB3JCC STMICROELECTRONICS-STBB3JCC Datasheet
2Mb / 27P
2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
16-Dec-2015
More results


Similar Description - STBB3J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
04-Oct-2011
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB3JCC STMICROELECTRONICS-STBB3JCC Datasheet
2Mb / 27P
2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
16-Dec-2015
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com