Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3J Datasheet(PDF) 4 Page - STMicroelectronics

Part # STBB3J
Description  2 A, high efficiency single inductor buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3J Datasheet(HTML) 4 Page - STMicroelectronics

  STBB3J Datasheet HTML 1Page - STMicroelectronics STBB3J Datasheet HTML 2Page - STMicroelectronics STBB3J Datasheet HTML 3Page - STMicroelectronics STBB3J Datasheet HTML 4Page - STMicroelectronics STBB3J Datasheet HTML 5Page - STMicroelectronics STBB3J Datasheet HTML 6Page - STMicroelectronics STBB3J Datasheet HTML 7Page - STMicroelectronics STBB3J Datasheet HTML 8Page - STMicroelectronics STBB3J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Application schematic
STBB3J
4/25
DocID025263 Rev 5
1
Application schematic
Figure 1. Application schematic for adjustable output version
Note:
All the above components refer to a typical application. Operation of the device is not limited
to the choice of these external components.
Table 2. Typical external components
Component
Manufacturer
Part number
Value
Size
C1,C2,C3, C4
Murata
GRM188R60J106ME84
10 µF
0603
C6, C7, C8,
C9
TDK-EPC
C1608X5R1A106M
C5
Murata
TBD
100 nF
0603
TDK-EPC
C1608X7R1H104K
L(1)
1.
Inductor used for the maximum power capability. Optimized choice can be made according to the
application conditions (see Section 8).
Coilcraft
XFL4020-152MEB
1.5 µH
4 x 3.2 x 1.5 mm
TDK-EPC
VLF403215MT-1R5N
4 x 4 x 2 mm
R1
Depending on the output voltage
0603
R2
Depending on the output voltage
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com