Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3J Datasheet(PDF) 22 Page - STMicroelectronics

Part # STBB3J
Description  2 A, high efficiency single inductor buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3J Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STBB3J Datasheet HTML 17Page - STMicroelectronics STBB3J Datasheet HTML 18Page - STMicroelectronics STBB3J Datasheet HTML 19Page - STMicroelectronics STBB3J Datasheet HTML 20Page - STMicroelectronics STBB3J Datasheet HTML 21Page - STMicroelectronics STBB3J Datasheet HTML 22Page - STMicroelectronics STBB3J Datasheet HTML 23Page - STMicroelectronics STBB3J Datasheet HTML 24Page - STMicroelectronics STBB3J Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Package information
STBB3J
22/25
DocID025263 Rev 5
Note:
The terminal A1 on the bump side is identified by a distinguishing feature (for instance by a
circular “clear area” typically 0.1 mm diameter) and/or a missing bump.
The terminal A1 on the backside of the product is identified by a distinguishing feature (for
instance by a circular “clear area” less than 0.5 mm diameter).
Table 8. Flip Chip 20 (2.5 x 1.75 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.50
0.55
0.60
A1
0.17
0.20
0.23
A2
0.33
0.35
0.37
b
0.21
0.25
0.29
D
2.485
2.515
2.545
D1
1.6
E
1.731
1.761
1.791
E1
1.2
e0.40
fD
0.447
0.457
0.467
fE
0.27
0.28
0.29
SE
0.20
ccc
0.075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com