Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3J Datasheet(PDF) 3 Page - STMicroelectronics

Part # STBB3J
Description  2 A, high efficiency single inductor buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3J Datasheet(HTML) 3 Page - STMicroelectronics

  STBB3J Datasheet HTML 1Page - STMicroelectronics STBB3J Datasheet HTML 2Page - STMicroelectronics STBB3J Datasheet HTML 3Page - STMicroelectronics STBB3J Datasheet HTML 4Page - STMicroelectronics STBB3J Datasheet HTML 5Page - STMicroelectronics STBB3J Datasheet HTML 6Page - STMicroelectronics STBB3J Datasheet HTML 7Page - STMicroelectronics STBB3J Datasheet HTML 8Page - STMicroelectronics STBB3J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DocID025263 Rev 5
3/25
STBB3J
List of figures
List of figures
Figure 1.
Application schematic for adjustable output version . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 2.
Block diagram adjustable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Pin connection top view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Pin connection bottom view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 5.
Efficiency vs. output current (power save mode enabled VOUT = 3.3 V) . . . . . . . . . . . . . . 11
Figure 6.
Efficiency vs. output current (power save mode disabled VOUT = 3.3 V) . . . . . . . . . . . . . . 11
Figure 7.
Efficiency vs. output current (PWM/auto mode VIN = 1.8 V). . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
Efficiency vs. output current (PWM/auto mode VIN = 3.6 V). . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
Efficiency vs. output current (PWM/auto mode VIN = 5.0 V). . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 10.
Maximum output current vs. input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 11.
Line transient response @ VIN = 3 V to 3.6 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 12.
Line transient response @ VIN = 3.6 V to 3 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 13.
Line transient response @ VIN = 3.6 V to 4 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 14.
Line transient response @ VIN = 4 V to 3.6 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 15.
Load transient response @ VIN= 1.8 V, IOUT = 100 to 300 mA . . . . . . . . . . . . . . . . . . . . . 12
Figure 16.
Load transient response @ VIN = 1.8 V, IOUT = 300 mA to 100 mA . . . . . . . . . . . . . . . . . . 12
Figure 17.
Load transient response @ VIN = 3.6 V, IOUT = 100 to 300 mA . . . . . . . . . . . . . . . . . . . . . 13
Figure 18.
Load transient response @ VIN = 3.6 V, IOUT = 300 mA to 100 mA . . . . . . . . . . . . . . . . . . 13
Figure 19.
Load transient response @ VIN = 5.5 V, IOUT = 100 to 300 mA . . . . . . . . . . . . . . . . . . . . . 13
Figure 20.
Load transient response @ VIN = 5.5 V, IOUT = 300 to 100 mA . . . . . . . . . . . . . . . . . . . . . 13
Figure 21.
Startup after enable @ VIN = 1.8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 22.
Startup after enable @ VIN = 3.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 23.
Startup after enable @ VIN = 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 24.
Output voltage vs. output current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 25.
Auto mode vs. output current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 26.
Application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 27.
Assembly layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 28.
Top layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 29.
Bottom layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 30.
Flip Chip 20 (2.5 x 1.75 mm) outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 31.
Flip Chip 20 (2.5 x 1.75 mm) recommended footprint. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com