Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3J Datasheet(PDF) 5 Page - STMicroelectronics

Part # STBB3J
Description  2 A, high efficiency single inductor buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3J Datasheet(HTML) 5 Page - STMicroelectronics

  STBB3J Datasheet HTML 1Page - STMicroelectronics STBB3J Datasheet HTML 2Page - STMicroelectronics STBB3J Datasheet HTML 3Page - STMicroelectronics STBB3J Datasheet HTML 4Page - STMicroelectronics STBB3J Datasheet HTML 5Page - STMicroelectronics STBB3J Datasheet HTML 6Page - STMicroelectronics STBB3J Datasheet HTML 7Page - STMicroelectronics STBB3J Datasheet HTML 8Page - STMicroelectronics STBB3J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DocID025263 Rev 5
5/25
STBB3J
Block diagram
2
Block diagram
Figure 2. Block diagram adjustable
SHUT
DOW N
EN
-
VR E F and
S oft-start
-
+
DE V IC E
CONT R OL
OS C
Gate
Driver
OT P
UV LO
FB
Σ
GND
Burs t
Control
VINA
EA
MODE
SW 1
SW 2
DMD
DMD
LOG IC
CONT R OL
VIN
VOUT
CO MP 1
OS C
OS C
-
VS UM
VS UM
AM16822v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com