Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3J Datasheet(PDF) 10 Page - STMicroelectronics

Part # STBB3J
Description  2 A, high efficiency single inductor buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3J Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STBB3J Datasheet HTML 6Page - STMicroelectronics STBB3J Datasheet HTML 7Page - STMicroelectronics STBB3J Datasheet HTML 8Page - STMicroelectronics STBB3J Datasheet HTML 9Page - STMicroelectronics STBB3J Datasheet HTML 10Page - STMicroelectronics STBB3J Datasheet HTML 11Page - STMicroelectronics STBB3J Datasheet HTML 12Page - STMicroelectronics STBB3J Datasheet HTML 13Page - STMicroelectronics STBB3J Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Typical performance characteristics
STBB3J
10/25
DocID025263 Rev 5
6
Typical performance characteristics
Table 7. Table of graphs
Parameter
Test conditions
Ref.
Efficiency
vs. output current (power save enabled, VIN = 1.8 V, 3.6 V, 5.5 V/VOUT = 3.3 V)
Figure 4
vs. output current (power save disabled, VIN = 1.8 V, 3.6 V, 5.5 V/VOUT = 3.3 V)
Figure 5
vs. output current (PWM/auto mode), VIN = 1.8 V, VOUT = 3.3 V
Figure 6
vs. output current (PWM/auto mode), VIN = 3.6 V, VOUT = 3.3 V
Figure 7
vs. output current (PWM/auto mode), VIN = 5.5 V, VOUT = 3.3 V
Figure 8
Maximum output
current
vs. input voltage (VOUT = 3.3 V, VOUT = 5.0 V)
Figure 9
Waveforms
Line transient response (VIN = 3.0 V to 3.6 V, VOUT = 3.3 V, IOUT = 300 mA)
Figure 10
Line transient response (VIN = 3.6 V to 3.0 V, VOUT = 3.3 V, IOUT = 300 mA)
Figure 11
Line transient response (VIN = 3.6 V to 4.0 V, VOUT = 3.3 V, IOUT = 300 mA)
Figure 12
Line transient response (VIN = 4.0 V to 3.6 V, VOUT = 3.3 V, IOUT = 300 mA)
Figure 13
Load transient response VIN = 1.8 V VOUT = 3.3 V, IOUT = 100 to 300 mA
Figure 14
Load transient response VIN = 1.8 V VOUT = 3.3 V, IOUT = 300 to 100 mA
Figure 15
Load transient response VIN = 3.6 V VOUT = 3.3 V, IOUT = 100 to 300 mA
Figure 16
Load transient response VIN = 3.6 V VOUT = 3.3 V, IOUT = 300 to 100 mA
Figure 17
Load transient response VIN = 5.5 V VOUT = 3.3 V, IOUT = 100 to 300 mA
Figure 18
Load transient response VIN = 5.5 V VOUT = 3.3 V, IOUT = 300 to 100 mA
Figure 19
Startup after enable (VIN = 1.8 V, VOUT = 3.3 V, IOUT = 10 mA)
Figure 20
Startup after enable (VIN = 3.6 V, VOUT = 3.3 V, IOUT = 10 mA)
Figure 21
Startup after enable (VIN = 5.5 V, VOUT = 3.3 V, IOUT = 10 mA)
Figure 22
Output voltage
vs. output current (VOUT = 3.3 V)
Figure 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com