Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB3J Datasheet(PDF) 13 Page - STMicroelectronics

Part # STBB3J
Description  2 A, high efficiency single inductor buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3J Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STBB3J Datasheet HTML 9Page - STMicroelectronics STBB3J Datasheet HTML 10Page - STMicroelectronics STBB3J Datasheet HTML 11Page - STMicroelectronics STBB3J Datasheet HTML 12Page - STMicroelectronics STBB3J Datasheet HTML 13Page - STMicroelectronics STBB3J Datasheet HTML 14Page - STMicroelectronics STBB3J Datasheet HTML 15Page - STMicroelectronics STBB3J Datasheet HTML 16Page - STMicroelectronics STBB3J Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID025263 Rev 5
13/25
STBB3J
Typical performance characteristics
Figure 17. Load transient response
@ VIN=3.6 V, IOUT = 100 to 300 mA
Figure 18. Load transient response
@ VIN=3.6 V, IOUT = 300 mA to 100 mA
Figure 19. Load transient response
@ VIN=5.5 V, IOUT = 100 to 300 mA
Figure 20. Load transient response
@ VIN=5.5 V, IOUT = 300 to 100 mA
Figure 21. Startup after enable @ VIN=1.8 V
Figure 22. Startup after enable @ VIN=3.6 V
AM16837v1
Output voltage 50
mV/div, DC offset 3.27 V
Output current 100
mA/div, DC
Timebase 50
µs/div
Ch4=IOUT
, Ch3=VOUT
AM16838v1
Output voltage 50
mV/div, DC offset 3.27 V
Output current 100
mA/div, DC
Timebase 50
µs/div
Ch4=IOUT
, Ch3=VOUT
AM16839v1
Output voltage 50
mV/div, DC offset 3.27 V
Output current 100
mA/div, DC
Timebase 50
µs/div
Ch4=IOUT
, Ch3=VOUT
AM16840v1
Ch4=IOUT
, Ch3=VOUT
Timebase 50
µs/div
Output current 100
mA/div, DC
Output voltage 50
mV/div, DC offset 3.27 V
AM16841v1
Ch1=Sw1, Ch2=Sw2, Ch3=VOUT, Ch4=ISW
AM16842v1
Ch1=Sw1, Ch2=Sw2, Ch3=VOUT, Ch4=ISW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com