Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF-C164CL Datasheet (PDF) - Infineon Technologies AG

SAF-C164CL Datasheet PDF - Infineon Technologies AG
Part # SAF-C164CL
Download  SAF-C164CL Download
File Size   1314.55 Kbytes
Page   79 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Microcontroller

SAF-C164CL Datasheet (PDF)

Go To PDF Page Download Datasheet
SAF-C164CL Datasheet PDF - Infineon Technologies AG

Part # SAF-C164CL
Download  SAF-C164CL Click to download

File Size   1314.55 Kbytes
Page   79 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Microcontroller

SAF-C164CL Datasheet (HTML) - Infineon Technologies AG


SAF-C164CL Product details

Introduction

The C164CI derivatives of the Infineon C166 Family of full featured single-chip CMOS microcontrollers are especially suited for cost sensitive applications. They combine high CPU performance (up to 12.5 million instructions per second) with high peripheral functionality and enhanced IO-capabilities. They also provide clock generation via PLL and various on-chip memory modules such as program ROM or OTP, internal RAM, and extension RAM.



16-Bit Single-Chip Microcontroller C164CI C166 Family

C164CI/SI, C164CL/SL

• High Performance 16-bit CPU with 4-Stage Pipeline

   – 80 ns Instruction Cycle Time at 25 MHz CPU Clock

   – 400 ns Multiplication (16 × 16 bit), 800 ns Division (32 / 16 bit)

   – Enhanced Boolean Bit Manipulation Facilities

   – Additional Instructions to Support HLL and Operating Systems

   – Register-Based Design with Multiple Variable Register Banks

   – Single-Cycle Context Switching Support

   – 16 MBytes Total Linear Address Space for Code and Data

   – 1024 Bytes On-Chip Special Function Register Area

• 16-Priority-Level Interrupt System with 32 Sources, Sample-Rate down to 40 ns

• 8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event Controller (PEC)

• Clock Generation via on-chip PLL (factors 1:1.5/2/2.5/3/4/5), via prescaler or via direct clock input

• On-Chip Memory Modules

   – 2 KBytes On-Chip Internal RAM (IRAM)

   – 2 KBytes On-Chip Extension RAM (XRAM)

   – up to 64 KBytes On-Chip Program Mask ROM or OTP Memory

• On-Chip Peripheral Modules

   – 8-Channel 10-bit A/D Converter with Programmable Conversion Time down to 7.8 µs

   – 8-Channel General Purpose Capture/Compare Unit (CAPCOM2)

   – Capture/Compare Unit for flexible PWM Signal Generation (CAPCOM6) (3/6 Capture/Compare Channels and 1 Compare Channel)

   – Multi-Functional General Purpose Timer Unit with 3 Timers

   – Two Serial Channels (Synchronous/Asynchronous and High-Speed-Synchronous)

   – On-Chip CAN Interface (Rev. 2.0B active) with 15 Message Objects (Full CAN/Basic CAN)

– On-Chip Real Time Clock

• Up to 4 MBytes External Address Space for Code and Data

   – Programmable External Bus Characteristics for Different Address Ranges

   – Multiplexed or Demultiplexed External Address/Data Buses with 8-Bit or 16-Bit Data Bus Width

   – Four Optional Programmable Chip-Select Signals

• Idle, Sleep, and Power Down Modes with Flexible Power Management

• Programmable Watchdog Timer and Oscillator Watchdog

• Up to 59 General Purpose I/O Lines, partly with Selectable Input Thresholds and Hysteresis

• Supported by a Large Range of Development Tools like C-Compilers, Macro-Assembler Packages, Emulators, Evaluation Boards, HLL-Debuggers, Simulators, Logic Analyzer Disassemblers, Programming Boards

• On-Chip Bootstrap Loader

• 80-Pin MQFP Package, 0.65 mm pitch



 




Similar Part No. - SAF-C164CL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C164CM INFINEON-SAF-C164CM Datasheet
1Mb / 68P
16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
SAF-C164CM-4EF INFINEON-SAF-C164CM-4EF Datasheet
1Mb / 68P
16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
SAF-C164CM-4R25F INFINEON-SAF-C164CM-4R25F Datasheet
1Mb / 68P
16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
SAF-C164CM-4RF INFINEON-SAF-C164CM-4RF Datasheet
1Mb / 68P
16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
More results


Similar Description - SAF-C164CL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com