Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-2HSMX6 Datasheet (PDF) - STMicroelectronics

ECMF02-2HSMX6 Datasheet PDF - STMicroelectronics
Part # ECMF02-2HSMX6
Download  ECMF02-2HSMX6 Download
File Size   888.51 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ESD protected common mode filter for USB3.0 interface

ECMF02-2HSMX6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ECMF02-2HSMX6 Datasheet PDF - STMicroelectronics

Part # ECMF02-2HSMX6
Download  ECMF02-2HSMX6 Click to download

File Size   888.51 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ESD protected common mode filter for USB3.0 interface

ECMF02-2HSMX6 Datasheet (HTML) - STMicroelectronics


ECMF02-2HSMX6 Product details

Description
The ECMF02-2HSMX6 is a highly integrated
common mode filter designed to suppress
EMI/RFI common mode noise on high speed
differential serial buses like the USB3.0
transceiver.

Features
• High common mode attenuation:
– -10 dB @ 300 MHz
– -20 dB @ 2.4 and 5 GHz
– -15 dB from 500 MHz to 6 GHz
• Compliant with USB3.0 eye diagram
• Small and thin package 1.5 x 1.7 x 0.5 mm
• RoHS compliant.
• High reduction of parasitic elements through
integration.
• ESD protection compliant with IEC 61000-4-2
level 4 standards (8 kV contact)
Benefits
• Suppress the common mode noise but keep
signal integrity
• Low PCB space consumption.
• Save components count
• Make the application robust against ESD
strikes from external environment

Applications
Consumer and computer electronics featuring
USB3.0 such as:
• Personal computer
• Notebook
• Tablet
• Set-top boxes
• PC graphic cards
• Telecom application




Similar Part No. - ECMF02-2HSMX6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF02-2AMX6 STMICROELECTRONICS-ECMF02-2AMX6 Datasheet
387Kb / 15P
Common mode filter with ESD protection for USB 2.0 and MIPI D-PHY/MDDI interface
28-Jun-2011
ECMF02-2BF3 STMICROELECTRONICS-ECMF02-2BF3 Datasheet
49Kb / 3P
Dual line IPAD?? common mode filter with ESD protection for high speed serial interface
01-Feb-2012
More results


Similar Description - ECMF02-2HSMX6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF02-4CMX8 STMICROELECTRONICS-ECMF02-4CMX8 Datasheet
410Kb / 16P
Common mode filter with ESD protection for USB 2.0 Interface
19-Sep-2012
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10 Datasheet
483Kb / 13P
Common mode filter with ESD protection for high speed serial interface
25-Aug-2014
ECMF2-0730V12M12 STMICROELECTRONICS-ECMF2-0730V12M12 Datasheet
533Kb / 14P
Common mode filter with ESD protection for USB2.0 interface
01-Mar-2016
ECMF4-20A42N10 STMICROELECTRONICS-ECMF4-20A42N10 Datasheet
656Kb / 13P
Common mode filter with ESD protection for high speed serial interface
16-May-2016
ECMF4-2450A17M10 STMICROELECTRONICS-ECMF4-2450A17M10 Datasheet
820Kb / 13P
Common mode filter with ESD protection for high speed serial interface
November 2016 Rev 1
ECMF06-6HSM16 STMICROELECTRONICS-ECMF06-6HSM16 Datasheet
532Kb / 13P
Common mode filter with ESD protection for high speed serial interface
August 2014 Rev 2
logo
Moda-InnoChips Co., Ltd...
ICMEF112P900MFR ICT-ICMEF112P900MFR Datasheet
490Kb / 4P
COMMON MODE ESD FILTER
logo
STMicroelectronics
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10_V01 Datasheet
2Mb / 14P
Common mode filter with ESD protection for high speed serial interface
09-Nov-2020
ECMF4-2450A60N10 STMICROELECTRONICS-ECMF4-2450A60N10 Datasheet
4Mb / 14P
Common mode filter with ESD protection for high speed serial interface
02-Jun-2021
ECMF2-40A100N6 STMICROELECTRONICS-ECMF2-40A100N6 Datasheet
6Mb / 17P
Common mode filter with ESD protection for high speed serial interface
27-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com