Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-2HSMX6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ECMF02-2HSMX6
Description  ESD protected common mode filter for USB3.0 interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2HSMX6 Datasheet(HTML) 2 Page - STMicroelectronics

  ECMF02-2HSMX6 Datasheet HTML 1Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 2Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 3Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 4Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 5Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 6Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 7Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 8Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Functional description
ECMF02-2HSMX6
2/17
DocID025079 Rev 2
1
Functional description
The ECMF02-2HSMX6 is an ESD protected common mode filter especially designed for
USB3.0 Tx/Rx differential pair, for host and device. The USB3.0 is actually made of 3
differential pairs. The first differential pair supports the high speed USB mode (also called
USB2.0 mode). The 2 other differential pairs are used to support the super speed USB mode
in full duplex. Bit rate on super speed USB can reach 5 Gbps. The ECMF02-2HSMX6 is
able to filter the common mode noise from 300 MHz to 6 GHz, helping to make the
application compliant with the electromagnetic interference emission standard such as
CISPR22 or FCC part 15, or EN55022 and avoiding antenna desense on mobile phones,
WiFi/Bluetooth, GPS,/GNSS frequencies. At the same time, the ECMF02-2HSMX6 keeps
the high speed signal integrity and provides an efficient ESD protection.
More application information available in following AN:
Application Note AN4356: "Antenna desense on handheld equipment"
Application Note AN4511: "Common Mode filters"
Application Note AN4540: "MHL link filtering and protection"
Figure 2. Functional diagram
A typical application diagram is shown in Figure 3. ST offers a global approach to USB3.0
interface by providing a comprehensive range of dedicated products.
2
1
3
6
4
5
D+ connector
D- connector
GND
To be left floating
D+ IC
D- IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com