Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-2HSMX6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ECMF02-2HSMX6
Description  ESD protected common mode filter for USB3.0 interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2HSMX6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ECMF02-2HSMX6 Datasheet HTML 9Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 10Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 11Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 12Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 13Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 14Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 15Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 16Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Recommendation on PCB assembly
ECMF02-2HSMX6
14/17
DocID025079 Rev 2
Figure 30. Recommended stencil window position
4.3
Placement
1.
Manual positioning is not recommended.
2.
It is recommended to use the lead recognition capabilities of the placement system, not
the outline centering.
3.
Standard tolerance of ± 0.05 mm is recommended.
4.
3.5 N placement force is recommended. Too much placement force can lead to
squeezed out solder paste and cause solder joints to short. Too low placement force
can lead to insufficient contact between package and solder paste that could cause
open solder joints or badly centered packages.
5.
To improve the package placement accuracy, a bottom side optical control should be
performed with a high resolution tool.
6.
For assembly, a perfect supporting of the PCB (all the more on flexible PCB) is
recommended during solder paste printing, pick and place and reflow soldering by
using optimized tools.
4.4
PCB design preference
1.
To control the solder paste amount, the closed via is recommended instead of open
vias.
2.
The position of tracks and open vias in the solder area should be well balanced. The
symmetrical layout is recommended, in case any tilt phenomena caused by
asymmetrical solder paste amount due to the solder flow away.
0.25
(0.0098)
0.50
(0.0197)
0.24
(0.0095)
0.50
(0.0197)
mm
(inches)
Stencil window
Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com