Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMB8753 Datasheet (PDF) - Infineon Technologies AG

PMB8753 Datasheet PDF - Infineon Technologies AG
Part # PMB8753
Download  PMB8753 Download
File Size   185.56 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description BlueMoon Universal Next Generation Bluetooth Chip Family

PMB8753 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMB8753 Datasheet PDF - Infineon Technologies AG

Part # PMB8753
Download  PMB8753 Click to download

File Size   185.56 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description BlueMoon Universal Next Generation Bluetooth Chip Family

PMB8753 Datasheet (HTML) - Infineon Technologies AG


PMB8753 Product details

The next step in Infineon’s Bluetooth® wireless technology is about to become reality. A new scale in integration, miniaturization, and cost reduction will be the basis for the Bluetooth wireless connectivity to get into everybodys daily life.
The BlueMoon UniCellular 1 (PMB 8752) is perfectly suited for cellular phones offering high RF performance and lowest power consumption at unbeatable cost efficiency.
On top of that BlueMoon UniCellular 2 (PMB 8753) provides medium data rate capabilities up to 3 Mbit/s according to the upcoming Bluetooth Standard 2.0.

Features
■ ARM7TDMI-STM ARM® CPU
■ 0.13 µm standard CMOS technology
■ Bluetooth 1.2 Support
    – Adaptive frequency hopping
    – Extended SCO
    – Fast connection setup
■ Bluetooth 2.0 support (PMB 8753 only)
    – Medium data rate up to 3 Mbit/s
■ Firmware up to HCI in integrated ROM
■ Lowest power consumption
    – < 40 mA peak in active mode
    – < 20 µA in low power mode
■ High RF sensitivity (-90 dBm @ 0.1% BER)
■ Dynamic control of output power
■ Package options (lead-free/halogen-free)
    – 7 x 7 mm P-VQFN-48
    – 5 x 5 mm PG-WFLGA-56

Applications
■ Headset and Handsfree
■ Dial-up networking
■ Data transfer
■ Synchronization
■ Cordless telephony
■ Advanced audio




Similar Part No. - PMB8753

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8761 INFINEON-PMB8761 Datasheet
156Kb / 2P
BlueMoon Single Cellular
2004-01-01
PMB8787 INFINEON-PMB8787 Datasheet
150Kb / 2P
Dual-Band Modem IC (PHY) for WLAN System Solutions
2003
PMB8789 INFINEON-PMB8789 Datasheet
151Kb / 2P
Dual-Band Media Access Controller (MAC) for WLAN System Solutions
2003
More results


Similar Description - PMB8753

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
Interworking Controller Next Generation
2003
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
Next Generation RFID Reader Module
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
Next Generation Micro Controller Supply
Rev. 1.1, November 2007
TLE7368 INFINEON-TLE7368_10 Datasheet
1Mb / 41P
Next Generation Micro Controller Supply
Rev. 2.1, 2010-11-22
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
Crimping Next Generation
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
next generation power source
logo
Glenair, Inc.
180_118 GLENAIR-180_118 Datasheet
265Kb / 1P
Next Generation MIL-PRF-64266
logo
TE Connectivity Ltd
C-1983780 TEC-C-1983780 Datasheet
169Kb / 1P
NEXT GENERATION GI3.3 RECEPTACLE CONTACT
logo
silex technology americ...
SX-PCEAX SILEX-SX-PCEAX Datasheet
5Mb / 2P
Next Generation IEEE 802.11 abgn/ac/ax Plus Bluetooth PCIe Combo Module
REV A. 20210531
logo
NXP Semiconductors
MC9S12XD NXP-MC9S12XD Datasheet
577Kb / 16P
NeXt Generation 16-Bit Microcontroller Family
Rev 2.3, 9-Jun-04
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com