Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX-PCEAX Datasheet (PDF) - silex technology america, Inc.

SX-PCEAX Datasheet PDF - silex technology america, Inc.
Part # SX-PCEAX
Download  SX-PCEAX Download
File Size   5801.68 Kbytes
Page   2 Pages
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.
Description Next Generation IEEE 802.11 abgn/ac/ax Plus Bluetooth PCIe Combo Module

SX-PCEAX Datasheet (PDF)

Go To PDF Page Download Datasheet
SX-PCEAX Datasheet PDF - silex technology america, Inc.

Part # SX-PCEAX
Download  SX-PCEAX Click to download

File Size   5801.68 Kbytes
Page   2 Pages
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.
Description Next Generation IEEE 802.11 abgn/ac/ax Plus Bluetooth PCIe Combo Module

SX-PCEAX Datasheet (HTML) - silex technology america, Inc.


SX-PCEAX Product details

Benefits
Wi-Fi 6E
Adds the 6GHz spectrum. Devices can operate in the 6 GHz band
providing:
• Six times more capacity than 2.5 and 5 GHz bands
• Seven superwide 160 MHz channels
• Lower latency, less congestion

SX-PCEAX Key Features
• Complies with IEEE 802.11ax
• 5 GHz, 6GHz: Support 20/40/80/160 MHz bandwidth mode
2.4 GHz: Support 20/40 MHz bandwidth mode
• 2 spatial data stream system (2T2R)
• Bluetooth 5.2 BR/EDR/LE compatible (Backward compatible)
• Security: OPEN, WPA2-PSK(AES), WPA3-OWE, WPA3-SAE
• Manufacturing tools for configuration test
• Diagnostic and DUT test tools for indoor and outdoor test
• Modular Certifications for North America




Similar Part No. - SX-PCEAX

ManufacturerPart #DatasheetDescription
logo
silex technology americ...
SX-PCEAC-DB SILEX-SX-PCEAC-DB Datasheet
715Kb / 2P
Dual Band 802.11ac PCIe WLAN Module
REV A 20192903
SX-PCEAC2 SILEX-SX-PCEAC2 Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
SX-PCEAC2-HMC SILEX-SX-PCEAC2-HMC Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
SX-PCEAC2-M2 SILEX-SX-PCEAC2-M2 Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
SX-PCEAC2-SMT SILEX-SX-PCEAC2-SMT Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
More results


Similar Description - SX-PCEAX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8752 INFINEON-PMB8752 Datasheet
185Kb / 2P
BlueMoon Universal Next Generation Bluetooth Chip Family
2004-01-01
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
Next Generation RFID Reader Module
logo
Advantech Co., Ltd.
EWM-W157H ADVANTECH-EWM-W157H Datasheet
576Kb / 1P
802.11 a/b/g/n/ac Bluetooth 4.0 Half-size Mini PCIe Card
logo
Laird Tech Smart Techno...
450-0168C LSTD-450-0168C Datasheet
3Mb / 80P
Integrated 802.11 a/b/g/n/ac WLAN, Bluetooth & BLE Module
logo
Suntsu Electronics, Inc...
SATIA-144G14F-WFB3 SUNTSU-SATIA-144G14F-WFB3 Datasheet
584Kb / 4P
Bluetooth & IEEE 802.11a/b/g/ac
SATIA-207B21I-WFB3 SUNTSU-SATIA-207B21I-WFB3 Datasheet
329Kb / 4P
Bluetooth & IEEE 802.11a/b/g/ac
logo
Advantech Co., Ltd.
EWM-W189H01E ADVANTECH-EWM-W189H01E Datasheet
639Kb / 1P
802.11 ac/a/b/g/n Bluetooth 4.2 Half-size Mini PCIe Card
23-Oct-2018
EWM-W190H01E ADVANTECH-EWM-W190H01E Datasheet
439Kb / 1P
802.11 ac/a/b/g/n Bluetooth 4.2 Half-size Mini PCIe Card
23-Oct-2018
logo
California Eastern Labs
CMP9377 CEL-CMP9377 Datasheet
293Kb / 2P
Dual-Band 802.11 ac Plus Bluetooth Smart Ready Solution
logo
silex technology americ...
SX-SDMAC2 SILEX-SX-SDMAC2 Datasheet
2Mb / 2P
IEEE 802.11 a/b/g/n/ac Plus Bluetooth SDIO Wi-Fi Module
REV A. 20190913
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com