Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX-PCEAX Datasheet(PDF) 1 Page - silex technology america, Inc.

Part # SX-PCEAX
Description  Next Generation IEEE 802.11 abgn/ac/ax Plus Bluetooth PCIe Combo Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.

SX-PCEAX Datasheet(HTML) 1 Page - silex technology america, Inc.

  SX-PCEAX Datasheet HTML 1Page - silex technology america, Inc. SX-PCEAX Datasheet HTML 2Page - silex technology america, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Next Generation IEEE 802.11 abgn/ac/ax
Plus Bluetooth PCIe Combo Module
SX-PCEAX
Wi-Fi 6E: Turbocharged Wi-Fi for Medical & Industrial Applications
The Silex’s SX-PCEAX is one of the industry’s rst Wi-Fi 6E modules. This Wi-Fi 6E module extends the benets that Wi-Fi 6 already provides
in the 2.4 and 5 GHz bands to 6 GHz and helps increase overall capacity and performance. SX-PCEAX is a tri-band IEEE 802.11 abgn/ac/ax
WLAN module plus Bluetooth 5.2 BR/EDR/LE combo module based on Qualcomm’s QCA2066 SoC. As the number of Wi-Fi devices in use
worldwide continues to proliferate, making the available spectrum more congested, this Wi-Fi 6E module will be ideal for future-proong
your devices in these dense environments.
Product Overview
Coming Soon
Benets
Wi-Fi 6E
Adds the 6GHz spectrum. Devices can operate in the 6 GHz band
providing:
• Six times more capacity than 2.5 and 5 GHz bands
• Seven superwide 160 MHz channels
• Lower latency, less congestion
Multi-User Multiple Input Multiple Output (MU-MIMO)
Allows more downlink data to be transferred at once and enables an
access point to concurrently transmit data to a larger number of
devices.
160 MHz channels
Increases bandwidth to deliver greater performance with low latency.
Target Wake Time (TWT)
Signicantly improves battery life in Wi-Fi devices, such as Internet of
Things (IoT) devices.
1024 Quadrature Amplitude Modulation Mode
1024 -QAM increases throughput in Wi-Fi devices by encoding more
data in the same amount of spectrum.
Transmit Beamforming
Enables higher data rates at a given range resulting in greater network
capacity.
Orthogonal Frequency Division Multiple Access
OFDMA eectively shares channels to increase network eciency and
lower latency for both uplink and downlink trac in high demand and
dense environments.
Expansive
spect rum
Superw ide
channels
Uncongest ed
bandw idt h
Wi-Fi Alliance®
SX-PCEAX Key Features
• Complies with IEEE 802.11ax
5 GHz, 6GHz: Support 20/40/80/160 MHz bandwidth mode
2.4 GHz: Support 20/40 MHz bandwidth mode
2 spatial data stream system (2T2R)
Bluetooth 5.2 BR/EDR/LE compatible (Backward compatible)
Security: OPEN, WPA2-PSK(AES), WPA3-OWE, WPA3-SAE
Manufacturing tools for conguration test
Diagnostic and DUT test tools for indoor and outdoor test
Modular Certications for North America
•
•
•
•
•
•
•
Better capacity, coverage, and performance
Optimized for congested environments: robust performance
even with high numbers of devices
Power consumption tailored for IoT devices
Wi-Fi 6E devices extend into 6 GHz
•
•
•
•
The Appeal of Wi-Fi in 6 GHz


Similar Part No. - SX-PCEAX

ManufacturerPart #DatasheetDescription
logo
silex technology americ...
SX-PCEAC-DB SILEX-SX-PCEAC-DB Datasheet
715Kb / 2P
Dual Band 802.11ac PCIe WLAN Module
REV A 20192903
SX-PCEAC2 SILEX-SX-PCEAC2 Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
SX-PCEAC2-HMC SILEX-SX-PCEAC2-HMC Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
SX-PCEAC2-M2 SILEX-SX-PCEAC2-M2 Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
SX-PCEAC2-SMT SILEX-SX-PCEAC2-SMT Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
More results

Similar Description - SX-PCEAX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8752 INFINEON-PMB8752 Datasheet
185Kb / 2P
BlueMoon Universal Next Generation Bluetooth Chip Family
2004-01-01
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
Next Generation RFID Reader Module
logo
Advantech Co., Ltd.
EWM-W157H ADVANTECH-EWM-W157H Datasheet
576Kb / 1P
802.11 a/b/g/n/ac Bluetooth 4.0 Half-size Mini PCIe Card
logo
Laird Tech Smart Techno...
450-0168C LSTD-450-0168C Datasheet
3Mb / 80P
Integrated 802.11 a/b/g/n/ac WLAN, Bluetooth & BLE Module
logo
Suntsu Electronics, Inc...
SATIA-144G14F-WFB3 SUNTSU-SATIA-144G14F-WFB3 Datasheet
584Kb / 4P
Bluetooth & IEEE 802.11a/b/g/ac
SATIA-207B21I-WFB3 SUNTSU-SATIA-207B21I-WFB3 Datasheet
329Kb / 4P
Bluetooth & IEEE 802.11a/b/g/ac
logo
Advantech Co., Ltd.
EWM-W189H01E ADVANTECH-EWM-W189H01E Datasheet
639Kb / 1P
802.11 ac/a/b/g/n Bluetooth 4.2 Half-size Mini PCIe Card
23-Oct-2018
EWM-W190H01E ADVANTECH-EWM-W190H01E Datasheet
439Kb / 1P
802.11 ac/a/b/g/n Bluetooth 4.2 Half-size Mini PCIe Card
23-Oct-2018
logo
California Eastern Labs
CMP9377 CEL-CMP9377 Datasheet
293Kb / 2P
Dual-Band 802.11 ac Plus Bluetooth Smart Ready Solution
logo
silex technology americ...
SX-SDMAC2 SILEX-SX-SDMAC2 Datasheet
2Mb / 2P
IEEE 802.11 a/b/g/n/ac Plus Bluetooth SDIO Wi-Fi Module
REV A. 20190913
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com