Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC12FSMA Datasheet (PDF) - Kersemi Electronic Co., Ltd.

AC12FSMA Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # AC12FSMA
Download  AC12FSMA Download
File Size   1150.85 Kbytes
Page   5 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Insulation type TRIAC fully covered with resin on the entire case other than electrode leads

AC12FSMA Datasheet (PDF)

Go To PDF Page Download Datasheet
AC12FSMA Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # AC12FSMA
Download  AC12FSMA Click to download

File Size   1150.85 Kbytes
Page   5 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Insulation type TRIAC fully covered with resin on the entire case other than electrode leads

AC12FSMA Datasheet (HTML) - Kersemi Electronic Co., Ltd.


AC12FSMA Product details

DESCRIPTION
The AC12DSMA and AC12FSMA are resin insulation type TRIACs with an effective current of 12 A (TC = 74°C).
These products are covered with resin mold on the entire case and are electrically insulated with electrodes, giving them a considerable advantage over conventional TRIACs when mounting on a heatsink board or performing high-density mounting.
These products features ratings and electrical characteristics equal to TO-220AB package TRIAC and a high reliability design.

FEATURES
• Insulation type TRIAC fully covered with resin on the entire
   case other than electrode leads
• Insulation voltage and conduction equal to conventional mica
   and polyester film
• Can be replaced with TO-220AB package
• High allowable on-current when using a single unit

APPLICATIONS
   Non-contact switches of motor speed control, heater temperature control, lamp light control




Similar Part No. - AC12FSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC12FSMA NEC-AC12FSMA Datasheet
222Kb / 6P
12A RESIN INSULATION TYPE TRIAC
More results


Similar Description - AC12FSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC05DSMA NEC-AC05DSMA Datasheet
223Kb / 6P
5 A RESIN INSULATION TYPE TRIAC
AC08DSMA NEC-AC08DSMA Datasheet
144Kb / 6P
8A RESIN INSULATION TYPE TRIAC
AC10DSMA NEC-AC10DSMA Datasheet
217Kb / 6P
10 A RESIN INSULATION TYPE TRIAC
AC12DSMA NEC-AC12DSMA Datasheet
222Kb / 6P
12A RESIN INSULATION TYPE TRIAC
logo
Kersemi Electronic Co.,...
AC08DSMA KERSEMI-AC08DSMA Datasheet
1Mb / 5P
Insulation type TRIAC fully covered with resin on the entire case other than electrode leads
AC10DSMA KERSEMI-AC10DSMA Datasheet
1Mb / 5P
Insulation type TRIAC fully covered with resin on the entire case other than electrode leads
logo
Renesas Technology Corp
AC03DSMA RENESAS-AC03DSMA Datasheet
363Kb / 8P
3 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC10DSMA RENESAS-AC10DSMA Datasheet
404Kb / 8P
10 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com