Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6711G Datasheet (PDF) - Infineon Technologies AG

TLE6711G Datasheet PDF - Infineon Technologies AG
Part # TLE6711G
Download  TLE6711G Download
File Size   265.8 Kbytes
Page   28 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Multifunctional Voltage Regulator and Watchdog

TLE6711G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE6711G Datasheet PDF - Infineon Technologies AG

Part # TLE6711G
Download  TLE6711G Click to download

File Size   265.8 Kbytes
Page   28 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Multifunctional Voltage Regulator and Watchdog

TLE6711G Datasheet (HTML) - Infineon Technologies AG


TLE6711G Product details

Description
The TLE 6711 G/GL is a multifunctional power supply circuit especially designed for automotive applications.
It delivers a programmable step up voltage (Boost) and a precise 5 V fully short circuit protected output voltage (Buck).
The TLE 6711 G/GL contains a power on reset feature to start up the system, an integrated digital window watchdog to monitor the connected microcontroller and a system enable output to indicate the microcontroller window watchdog faults.
The device is based on Infineon’s power technology SPT® which allows bipolar and CMOS control circuitry to be integrated with DMOS power devices on the same monolithic circuitry.
The very small PG-DSO-14-1 SMD packages meet the application requirements.
Furthermore, the build-in features like under- and overvoltage lockout for boost- and buck-voltage and the overtemperature shutdown feature increase the reliability of the TLE 6711 G/GL supply system.

Features
• Step up converter (Boost Voltage)
• Boost Over- and Under-Voltage-Lockout
• Step down converter (Logic Voltage)
• 2% output voltage tolerance
• Logic Over- and Under-Voltage-Lockout
• Overtemperature Shutdown
• Power ON/OFF reset generator
• Digital window watchdog
• System Enable Output
• Ambient operation temperature range -40 °C to 125 °C
• Wide Supply voltage operation range
• Very low current consumption
• Very small PG-DSO-14-1 SMD package
• Green Product (RoHS Compliant)
• AEC Qualified




Similar Part No. - TLE6711G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6711G INFINEON-TLE6711G Datasheet
983Kb / 25P
Multifunctional Voltage Regulator and Watchdog
Rev. 3.4, August 2007
TLE6711GL INFINEON-TLE6711GL Datasheet
983Kb / 25P
Multifunctional Voltage Regulator and Watchdog
Rev. 3.4, August 2007
More results


Similar Description - TLE6711G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
Multifunctional Voltage Regulator for TVs and VCRs
LA5612 SANYO-LA5612 Datasheet
59Kb / 5P
Multifunctional Voltage Regulator for TVs and VCRs with BS Tuner
logo
Infineon Technologies A...
TLE6363 INFINEON-TLE6363 Datasheet
278Kb / 28P
Multifunctional Voltage Regulator and Watchdog
V 1.1 2000-11-8
logo
ELMOS Semiconductor AG
E910.48 ELMOS-E910.48 Datasheet
122Kb / 1P
LIN transceiver with voltage regulator and watchdog
logo
Melexis Microelectronic...
TH8065 MELEXIS-TH8065 Datasheet
1Mb / 40P
Voltage Regulator with LIN Transceiver and Watchdog
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711_07 Datasheet
983Kb / 25P
Multifunctional Voltage Regulator and Watchdog
Rev. 3.4, August 2007
TLE6363 INFINEON-TLE6363_03 Datasheet
770Kb / 28P
Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
logo
Rohm
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
Regulator with Voltage Detector and Watchdog Timer
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
Regulator with Voltage Detector and Watchdog Timer
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com