Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACS373 Datasheet (PDF) - Aeroflex Circuit Technology

UT54ACS373 Datasheet PDF - Aeroflex Circuit Technology
Part # UT54ACS373
Download  UT54ACS373 Download
File Size   237.83 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Octal Transparent Latches with Three-State Outputs

UT54ACS373 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT54ACS373 Datasheet PDF - Aeroflex Circuit Technology

Part # UT54ACS373
Download  UT54ACS373 Click to download

File Size   237.83 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Octal Transparent Latches with Three-State Outputs

UT54ACS373 Datasheet (HTML) - Aeroflex Circuit Technology


UT54ACS373 Product details

DESCRIPTION
The UT54ACS373 and the UT54ACTS373 are 8-bit latches with three-state outputs designed for driving highly capacitive or relatively low-impedance loads. The device is suitable for buffer registers, I/O ports, and bidirectional bus drivers.
The eight latches are transparent D latches. While the enable (C) is high the Q outputs will follow the data (D) inputs. When the enable is taken low, the Q outputs will be latched at the levels that were set up at the D inputs.
An output-control input (OC) places the eight outputs in either a normal logic state (high or low logic levels) or a high-impedance state. The high-impedance third state and increased drive provide the capability to drive the bus line in a bus-organized system without need for interface or pull-up components.
The output control OC does not affect the internal operations of the latches. Old data can be retained or new data can be entered while the outputs are off.
The devices are characterized over full military temperature range of -55°C to +125°C.

FEATURES
❐ 8 latches in a single package
❐ Three-state bus-driving true outputs
❐ Full parallel access for loading
❐ 1.2μ CMOS
   - Latchup immune
❐ High speed
❐ Low power consumption
❐ Single 5 volt supply
❐ Available QML Q or V processes
❐ Flexible package
   - 20-pin DIP
   - 20-lead flatpack
❐ UT54ACS373 - SMD 5962-96588
❐ UT54ACTS373 - SMD 5962-96589




Similar Part No. - UT54ACS373

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT54ACS374 ETC1-UT54ACS374 Datasheet
42Kb / 6P
Radiation-Hardened Octal D-Type Flip-Flops with Three-State Outputs
logo
Aeroflex Circuit Techno...
UT54ACS374 AEROFLEX-UT54ACS374 Datasheet
237Kb / 10P
Octal D-Type Flip-Flops with Three-State Outputs
More results


Similar Description - UT54ACS373

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74HC563 HITACHI-HD74HC563 Datasheet
71Kb / 12P
Octal Transparent Latches (with 3-state outputs)
HD74HCT563 HITACHI-HD74HCT563 Datasheet
68Kb / 11P
Octal Transparent Latches (with 3-state outputs)
HD74LS373 HITACHI-HD74LS373 Datasheet
89Kb / 7P
Octal D-type Transparent Latches(with three-state outputs)
logo
Renesas Technology Corp
HD74LS373 RENESAS-HD74LS373 Datasheet
96Kb / 8P
Octal D-type Transparent Latches (with three-state outputs)
HD74HCT563 RENESAS-HD74HCT563 Datasheet
138Kb / 10P
Octal Transparent Latches (with 3-state outputs)
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74HC563 RENESAS-HD74HC563 Datasheet
138Kb / 11P
Octal Transparent Latches (with 3-state outputs)
HD74HC563 RENESAS-HD74HC563_15 Datasheet
161Kb / 13P
Octal Transparent Latches (with 3-state outputs)
HD74LS373 RENESAS-HD74LS373_15 Datasheet
127Kb / 10P
Octal D-type Transparent Latches (with three-state outputs)
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com