Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACS373 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACS373
Description  Octal Transparent Latches with Three-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS373 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACS373 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS373 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS373 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS373 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS373 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS373 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS373 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS373 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS373 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS373/UT54ACTS373
Octal Transparent Latches with Three-State Outputs
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
8 latches in a single package
Three-state bus-driving true outputs
Full parallel access for loading
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 20-pin DIP
- 20-lead flatpack
UT54ACS373 - SMD 5962-96588
UT54ACTS373 - SMD 5962-96589
DESCRIPTION
The UT54ACS373 and the UT54ACTS373 are 8-bit latches
with three-state outputs designed for driving highly capacitive
or relatively low-impedance loads. The device is suitable for
buffer registers, I/O ports, and bidirectional bus drivers.
The eight latches are transparent D latches. While the enable
(C) is high the Q outputs will follow the data (D) inputs. When
the enable is taken low, the Q outputs will be latched at the levels
that were set up at the D inputs.
An output-control input (OC) places the eight outputs in either
a normal logic state (high or low logic levels) or a high-imped-
ance state. The high-impedance third state and increased drive
provide the capability to drive the bus line in a bus-organized
system without need for interface or pull-up components.
The output control OC does not affect the internal operations of
the latches. Old data can be retained or new data can be entered
while the outputs are off.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
FUNCTION TABLE
Note:
1. Data may be latched internally.
PINOUTS
20-Pin DIP
Top View
20-Lead Flatpack
Top View
LOGIC SYMBOL
INPUTS
OUTPUT
OC
C
nD
nQ
L
H
H
H
L
H
L
L
L
L
X
nQ0
H
X
X
Z 1
1
2
3
4
5
7
6
20
19
18
17
16
14
15
OC
1Q
1D
2D
2Q
3Q
3D
VDD
8Q
8D
7D
7Q
6D
8
13
4D
5D
6Q
9
12
4Q
5Q
10
11
VSS
C
1
2
3
4
5
7
6
20
19
18
17
16
14
15
OC
1Q
1D
2D
2Q
3Q
3D
VDD
8Q
8D
7D
7Q
6D
813
4D
5D
6Q
912
4Q
5Q
10
11
VSS
C
(1)
OC
EN
(3)
1D
(4)
2D
(7)
(2)
1Q
(6)
(5)
2Q
Note:
1. Logic symbol in accordance with ANSI/IEEE Std 91-1984 and IEC
Publication 617-12.
3D
(8)
4D
(13)
5D
(14)
6D
3Q
(15) 6Q
(12)
5Q
(9)
4Q
(17)
7D
(18)
8D
(19) 8Q
(16) 7Q
(11)
C
C1
1D


Similar Part No. - UT54ACS373

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT54ACS374 ETC1-UT54ACS374 Datasheet
42Kb / 6P
Radiation-Hardened Octal D-Type Flip-Flops with Three-State Outputs
logo
Aeroflex Circuit Techno...
UT54ACS374 AEROFLEX-UT54ACS374 Datasheet
237Kb / 10P
Octal D-Type Flip-Flops with Three-State Outputs
More results

Similar Description - UT54ACS373

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74HC563 HITACHI-HD74HC563 Datasheet
71Kb / 12P
Octal Transparent Latches (with 3-state outputs)
HD74HCT563 HITACHI-HD74HCT563 Datasheet
68Kb / 11P
Octal Transparent Latches (with 3-state outputs)
HD74LS373 HITACHI-HD74LS373 Datasheet
89Kb / 7P
Octal D-type Transparent Latches(with three-state outputs)
logo
Renesas Technology Corp
HD74LS373 RENESAS-HD74LS373 Datasheet
96Kb / 8P
Octal D-type Transparent Latches (with three-state outputs)
HD74HCT563 RENESAS-HD74HCT563 Datasheet
138Kb / 10P
Octal Transparent Latches (with 3-state outputs)
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74HC563 RENESAS-HD74HC563 Datasheet
138Kb / 11P
Octal Transparent Latches (with 3-state outputs)
HD74HC563 RENESAS-HD74HC563_15 Datasheet
161Kb / 13P
Octal Transparent Latches (with 3-state outputs)
HD74LS373 RENESAS-HD74LS373_15 Datasheet
127Kb / 10P
Octal D-type Transparent Latches (with three-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com