Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2060B Datasheet (PDF) - Applied Micro Circuits Corporation

S2060B Datasheet PDF - Applied Micro Circuits Corporation
Part # S2060B
Download  S2060B Download
File Size   693.2 Kbytes
Page   22 Pages
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation
Description GIGABIT ETHERNET TRANSCEIVER

S2060B Datasheet (PDF)

Go To PDF Page Download Datasheet
S2060B Datasheet PDF - Applied Micro Circuits Corporation

Part # S2060B
Download  S2060B Click to download

File Size   693.2 Kbytes
Page   22 Pages
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation
Description GIGABIT ETHERNET TRANSCEIVER

S2060B Datasheet (HTML) - Applied Micro Circuits Corporation


S2060B Product details

Description

The S2060 transmitter and receiver chip facilitates high speed serial transmission of data over fiber optic, coax, or twinax interfaces. The device is functionally compliant with the requirements of the IEEE 802.3z Gigabit Ethernet (GE) and ANSI X3T11 Fibre Channel (FC) specifications and operates at the full rates of 1250.0 and 1062.5 Mbps data rates, respectively, with an associated 10-bit data word. The device also provides half rate operation at 625 and 531 Mbps.



Features

• 1250 MHz (Gigabit Ethernet) line rate

• 1062 MHz (Fibre Channel) line rate

• 531 MHz and 625 MHz half rate operation

• Functionally compliant to IEEE 802.3z Gigabit Ethernet and ANSI X3T11 Fibre Channel Specifications

• Receiver and Transmitter incorporates PLLs for clock/data recovery and synthesis

• Continuous downstream clocking from receiver

• 10-bit parallel LVTTL compatible I/O interface

• Low-jitter serial LVPECL compatible interface

• Local loopback

• Drives 30 m of Twinax cable directly

• Single +3.3 V supply, 620 mW power dissipation

• 64 PQFP or TQFP package with Green/RoHS compliant lead free options

• Commercial and industrial temperature range



Applications

• Workstation

• Frame buffer

• Switched networks

• Data broadcast environments

• Proprietary extended backplanes




Similar Part No. - S2060B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S2060 MICROSEMI-S2060 Datasheet
112Kb / 3P
Silicon Power Rectifier
S2060 MICROSEMI-S2060 Datasheet
148Kb / 2P
SILICON POWER RECTIFIER
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
38Kb / 2P
GPON Transceiver With CDR
logo
Microsemi Corporation
S2060 MICROSEMI-S2060 Datasheet
143Kb / 2P
Silicon Power Rectifier
More results


Similar Description - S2060B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
Gigabit Ethernet Transceiver Macrocell
March 2000
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
Quad Gigabit Ethernet Transceiver
July 2000
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
Gigabit Ethernet Transceiver Chip
logo
Texas Instruments
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
SERDES Gigabit Ethernet Transceiver
logo
Texas Instruments
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
1.25-GIGABIT ETHERNET TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com