Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EK42424-01 Datasheet (PDF) - Peregrine Semiconductor

EK42424-01 Datasheet PDF - Peregrine Semiconductor
Part # EK42424-01
Download  EK42424-01 Download
File Size   1154.23 Kbytes
Page   11 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS SPDT RF Switch 100 MHz?? GHz

EK42424-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
EK42424-01 Datasheet PDF - Peregrine Semiconductor

Part # EK42424-01
Download  EK42424-01 Click to download

File Size   1154.23 Kbytes
Page   11 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS SPDT RF Switch 100 MHz?? GHz

EK42424-01 Datasheet (HTML) - Peregrine Semiconductor




Similar Part No. - EK42424-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK42420-03 PSEMI-EK42420-03 Datasheet
403Kb / 12P
UltraCMOS짰 SPDT RF Switch 100.6000 MHz
logo
Peregrine Semiconductor...
EK42421-01 PEREGRINE-EK42421-01 Datasheet
326Kb / 9P
SPDT UltraCMOS
logo
Peregrine Semiconductor
EK42421-01 PSEMI-EK42421-01 Datasheet
385Kb / 9P
SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
logo
Peregrine Semiconductor...
EK42422-01 PEREGRINE-EK42422-01 Datasheet
362Kb / 13P
UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor
EK42426-01 PSEMI-EK42426-01 Datasheet
1Mb / 17P
SPDT RF Switch, 5??000 MHz
More results


Similar Description - EK42424-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE42420 PSEMI-PE42420 Datasheet
355Kb / 11P
UltraCMOS SPDT RF Switch 100 ??6000 MHz
PE42423 PSEMI-PE42423 Datasheet
448Kb / 11P
UltraCMOS SPDT RF Switch 100 MHz - 6 GHz
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42421 PSEMI-PE42421 Datasheet
325Kb / 9P
SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42524 PSEMI-PE42524 Datasheet
347Kb / 16P
UltraCMOS SPDT RF Switch, 10 MHz-40 GHz
PE42822 PSEMI-PE42822 Datasheet
460Kb / 21P
UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
UltraCMOS SPDT RF Switch 100??000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com