Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC326MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC326MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC326MS8G
Download  HMC326MS8G Download
File Size   231.75 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz

HMC326MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC326MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC326MS8G
Download  HMC326MS8G Click to download

File Size   231.75 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz

HMC326MS8G Datasheet (HTML) - Hittite Microwave Corporation


HMC326MS8G Product details

General Description

The HMC326MS8G & HMC326MS8GE are high efficiency GaAs InGaP Heterojunction Bipolar Transistor (HBT) MMIC driver amplifi ers which operate between 3.0 and 4.5 GHz. The amplifier is packaged in a low cost, surface mount 8 leaded package with an exposed base for improved RF and thermal performance. The amplifi er provides 21 dB of gain and +26 dBm of saturated power from a +5V supply voltage. Power down capability is available to conserve current consumption when the amplifi er is not in use. Internal circuit matching was optimized to provide greater than 40% PAE.



Features

  Psat Output Power: +26 dBm

  > 40% PAE

  Output IP3: +36 dBm

  High Gain: 21 dB

  Vs: +5V

  Ultra Small Package: MSOP8G



Typical Applications

The HMC326MS8G / HMC326MS8GE is ideal for:

  • Microwave Radios

  • Broadband Radio Systems

  • Wireless Local Loop Driver Amplifi er



 




Similar Part No. - HMC326MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC326MS8G HITTITE-HMC326MS8G Datasheet
226Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC326MS8G HITTITE-HMC326MS8G Datasheet
226Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC326MS8G HITTITE-HMC326MS8G Datasheet
283Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
logo
Analog Devices
HMC326MS8G AD-HMC326MS8G Datasheet
393Kb / 6P
Wireless Local Loop Driver Amplifier
HMC326MS8G AD-HMC326MS8G Datasheet
1Mb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER
More results


Similar Description - HMC326MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC314 HITTITE-HMC314 Datasheet
245Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC327MS8G HITTITE-HMC327MS8G Datasheet
262Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
HMC326MS8G HITTITE-HMC326MS8G_07 Datasheet
283Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC327MS8G HITTITE-HMC327MS8G_07 Datasheet
268Kb / 6P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC323 HITTITE-HMC323_01 Datasheet
213Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
HMC324MS8G HITTITE-HMC324MS8G_01 Datasheet
242Kb / 6P
GaAs InGaP HBT MMIC DUAL DRIVER AMPLIFIER, DC - 3.0 GHz
HMC326MS8G HITTITE-HMC326MS8G_09 Datasheet
226Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
logo
Analog Devices
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com