Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC327MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC327MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC327MS8G
Download  HMC327MS8G Download
File Size   262.09 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz

HMC327MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC327MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC327MS8G
Download  HMC327MS8G Click to download

File Size   262.09 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz

HMC327MS8G Datasheet (HTML) - Hittite Microwave Corporation


HMC327MS8G Product details

General Description
The HMC327MS8G(E) is a high efficiency GaAs InGaP Heterojunction Bipolar Transistor (HBT) MMIC power amplifi er which operates between 3 and 4 GHz. The amplifi er is packaged in a low cost, surface mount 8 leaded package with an exposed base for improved RF and thermal performance. With a minimum of external components, the amplifier provides 21 dB of gain, +30 dBm of saturated power at 45% PAE from a single +5V supply. Power down capability is available to conserve current consumption when the amplifi er is not in use.

Features
   High Gain: 21 dB
   Saturated Power: +30 dBm @ 45% PAE
   Output P1dB: +27 dBm
   Single Supply: +5V
   Power Down Capability
   Low External Part Count
   Compact MSOP Package: 14.8 mm2

Typical Applications
The HMC327MS8G(E) is ideal for:
• Wireless Local Loop
• WiMAX & Fixed Wireless
• Access Points
• Subscriber Equipment




Similar Part No. - HMC327MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC327MS8G HITTITE-HMC327MS8G Datasheet
214Kb / 6P
GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
HMC327MS8G HITTITE-HMC327MS8G Datasheet
214Kb / 6P
GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
HMC327MS8G HITTITE-HMC327MS8G Datasheet
214Kb / 6P
GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
HMC327MS8G HITTITE-HMC327MS8G Datasheet
214Kb / 6P
GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
HMC327MS8G HITTITE-HMC327MS8G Datasheet
268Kb / 6P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
More results


Similar Description - HMC327MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC314 HITTITE-HMC314 Datasheet
245Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC326MS8G HITTITE-HMC326MS8G Datasheet
231Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC326MS8G HITTITE-HMC326MS8G_07 Datasheet
283Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC327MS8G HITTITE-HMC327MS8G_07 Datasheet
268Kb / 6P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC323 HITTITE-HMC323_01 Datasheet
213Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
HMC324MS8G HITTITE-HMC324MS8G_01 Datasheet
242Kb / 6P
GaAs InGaP HBT MMIC DUAL DRIVER AMPLIFIER, DC - 3.0 GHz
HMC326MS8G HITTITE-HMC326MS8G_09 Datasheet
226Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
logo
Analog Devices
HMC450QS16G AD-HMC450QS16G Datasheet
362Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com