Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC314 Datasheet (PDF) - Hittite Microwave Corporation

HMC314 Datasheet PDF - Hittite Microwave Corporation
Part # HMC314
Download  HMC314 Download
File Size   245.73 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz

HMC314 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC314 Datasheet PDF - Hittite Microwave Corporation

Part # HMC314
Download  HMC314 Click to download

File Size   245.73 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz

HMC314 Datasheet (HTML) - Hittite Microwave Corporation


HMC314 Product details

General Description
The HMC314 is a GaAs InGaP Heterojunction Bipolar Transistor (HBT) MMIC amplifier that operates from a single positive supply. This amplifier also incorporates a power down feature. When the “Vpd” pin is held low, the amplifier will shut down. The surface mount SOT26 amplifier can be used as a broadband gain stage for wideband applications. The amplifier provides 12 dB of gain and +22 dBm of saturated power while operating from a single positive +5v supply. The HMC314 is packaged in an ultra small SOT26 package at a height of only 1.45mm.

Features
   P1dB Output Power: +18 dBm
   Output IP3: +29 dBm
   Gain: 12 dB
   Single Supply: 5V
   Ultra Small Package: SOT26

Typical Applications
Ideal Broadband Gain Stage for:
• 2.2 - 2.7 GHz MMDS
• 3.5 GHz Wireless Local Loop
• Low Profi le Portable Wireless Devices
• WLAN Systems




Similar Part No. - HMC314

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC314 HITTITE-HMC314 Datasheet
255Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
More results


Similar Description - HMC314

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC326MS8G HITTITE-HMC326MS8G Datasheet
231Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC327MS8G HITTITE-HMC327MS8G Datasheet
262Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
HMC326MS8G HITTITE-HMC326MS8G_07 Datasheet
283Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC327MS8G HITTITE-HMC327MS8G_07 Datasheet
268Kb / 6P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC323 HITTITE-HMC323_01 Datasheet
213Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
HMC326MS8G HITTITE-HMC326MS8G_09 Datasheet
226Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
logo
Analog Devices
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com