Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC314 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC314
Description  GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC314 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC314 Datasheet HTML 1Page - Hittite Microwave Corporation HMC314 Datasheet HTML 2Page - Hittite Microwave Corporation HMC314 Datasheet HTML 3Page - Hittite Microwave Corporation HMC314 Datasheet HTML 4Page - Hittite Microwave Corporation HMC314 Datasheet HTML 5Page - Hittite Microwave Corporation HMC314 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
8 - 74
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC314
GaAs InGaP HBT MMIC DRIVER
AMPLIFIER, 0.7 - 4.0 GHz
v02.0802
General Description
Features
Functional Diagram
The HMC314 is a GaAs InGaP Heterojunction Bipo-
lar Transistor (HBT) MMIC amplifier that operates
from a single positive supply. This amplifier also
incorporates a power down feature. When the “Vpd”
pin is held low, the amplifier will shut down. The
surface mount SOT26 amplifier can be used as a
broadband gain stage for wideband applications.
The amplifier provides 12 dB of gain and +22 dBm
of saturated power while operating from a single
positive +5v supply. The HMC314 is packaged in
an ultra small SOT26 package at a height of only
1.45mm.
P1dB Output Power: +18 dBm
Output IP3: +29 dBm
Gain: 12 dB
Single Supply: 5V
Ultra Small Package: SOT26
Electrical Specifications, T
A = +25° C
Typical Applications
Ideal Broadband Gain Stage for:
• 2.2 - 2.7 GHz MMDS
• 3.5 GHz Wireless Local Loop
• Low Profile Portable Wireless Devices
• WLAN Systems
Parameter
Vs = +5V, Rbias = 10 Ohm
Units
Min.
Typ.
Max.
Frequency Range
0.7 - 4.0
GHz
Gain
712
16
dB
Gain Variation Over Temperature
0.015
0.025
dB/°C
Input Return Loss
612
dB
Output Return Loss
2
6
dB
Reverse Isolation
22
30
dB
Output Power for 1 dB Compression (P1dB) @ 1 GHz
15
18
dBm
Saturated Output Power (Psat) @ 1 GHz
19
22
dBm
Output Third Order Intercept (IP3) @ 1 GHz
26
29
dBm
Switching Speed
On/Off
60
ns
Supply Current (Icc)
150
mA
Control Voltage (Vpd)
0/5
Volts
Control Current (Ipd)
.001/12
mA


Similar Part No. - HMC314

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC314 HITTITE-HMC314 Datasheet
255Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
More results

Similar Description - HMC314

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC326MS8G HITTITE-HMC326MS8G Datasheet
231Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC327MS8G HITTITE-HMC327MS8G Datasheet
262Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
HMC326MS8G HITTITE-HMC326MS8G_07 Datasheet
283Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC327MS8G HITTITE-HMC327MS8G_07 Datasheet
268Kb / 6P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC323 HITTITE-HMC323_01 Datasheet
213Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
HMC326MS8G HITTITE-HMC326MS8G_09 Datasheet
226Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
logo
Analog Devices
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com